Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 369Page - Renesas Technology Corp R8C/29 Datasheet HTML 370Page - Renesas Technology Corp R8C/29 Datasheet HTML 371Page - Renesas Technology Corp R8C/29 Datasheet HTML 372Page - Renesas Technology Corp R8C/29 Datasheet HTML 373Page - Renesas Technology Corp R8C/29 Datasheet HTML 374Page - Renesas Technology Corp R8C/29 Datasheet HTML 375Page - Renesas Technology Corp R8C/29 Datasheet HTML 376Page - Renesas Technology Corp R8C/29 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 356 of 441
REJ09B0279-0210
19.4.3.4
Program Command
The program command writes data to the flash memory in 1-byte units.
By writing 40h in the first bus cycle and data in the second bus cycle to the write address, an auto-program
operation (data program and verify) will start. Make sure the address value specified in the first bus cycle is the
same address as the write address specified in the second bus cycle.
The FMR00 bit in the FMR0 register can be used to determine whether auto-programming has completed.
When suspend function disabled, the FMR00 bit is set to 0 during auto-programming and set to 1 when auto-
programming completes.
When suspend function enabled, the FMR44 bit is set to 1 during auto-programming and set to 0 when auto-
programming completes.
The FMR06 bit in the FMR0 register can be used to determine the result of auto-programming after it has been
finished (refer to 19.4.5 Full Status Check).
Do not write additions to the already programmed addresses.
When the FMR02 bit in the FMR0 register is set to 0 (rewriting disabled) or the FMR02 bit is set to 1 (rewriting
enabled) and the FMR15 bit in the FMR1 register is set to 1 (rewriting disabled), program commands targeting
block 0 are not acknowledged. When the FMR16 bit is set to 1 (rewriting disabled), program commands
targeting block 1 are not acknowledged.
Figure 19.12 shows the Program Command (When Suspend Function Disabled). Figure 19.13 shows the
Program Command (When Suspend Function Enabled).
In EW1 mode, do not execute this command for any address which a rewrite control program is allocated.
In EW0 mode, the MCU enters read status register mode at the same time auto-programming starts and the
status register can be read. The status register bit 7 (SR7) is set to 0 at the same time auto-programming starts
and set back to 1 when auto-programming completes. In this case, the MCU remains in read status register
mode until the next read array command is written. The status register can be read to determine the result of
auto-programming after auto-programming has completed.
Figure 19.12
Program Command (When Suspend Function Disabled)
Start
Write the command code 40h to
the write address
Write data to the write address
FMR00 = 1?
Full status check
Program completed
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com