Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 370 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 370 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 366Page - Renesas Technology Corp R8C/29 Datasheet HTML 367Page - Renesas Technology Corp R8C/29 Datasheet HTML 368Page - Renesas Technology Corp R8C/29 Datasheet HTML 369Page - Renesas Technology Corp R8C/29 Datasheet HTML 370Page - Renesas Technology Corp R8C/29 Datasheet HTML 371Page - Renesas Technology Corp R8C/29 Datasheet HTML 372Page - Renesas Technology Corp R8C/29 Datasheet HTML 373Page - Renesas Technology Corp R8C/29 Datasheet HTML 374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 353 of 441
REJ09B0279-0210
Figure 19.9 shows the How to Set and Exit EW0 Mode. Figure 19.10 shows the How to Set and Exit EW1
Mode.
Figure 19.9
How to Set and Exit EW0 Mode
Figure 19.10
How to Set and Exit EW1 Mode
Set registers(1) CM0 and CM1
Transfer a rewrite control program which uses CPU
rewrite mode to the RAM.
Jump to the rewrite control program which has been
transferred to the RAM.
(The subsequent process is executed by the rewrite
control program in the RAM.)
Write 0 to the FMR01 bit before writing 1
(CPU rewrite mode enabled)(2)
Execute the read array command(3)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
Jump to a specified address in the flash memory
Rewrite control program
NOTES:
1. Select 5 MHz or below for the CPU clock by the CM06 bit in the CM0 register and bits CM16 to CM17 in the CM1 register.
2. To set the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1. Do not generate an interrupt between writing 0 and 1.
Write to the FMR01 bit in the RAM.
3. Disable the CPU rewrite mode after executing the read array command.
EW0 Mode Operating Procedure
Write 0 to the FMR01 bit before writing 1 (CPU
rewrite mode enabled)(1)
Write 0 to the FMR11 bit before writing 1 (EW1
mode)
Execute software commands
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
NOTE:
1. To set the FMR01 bit to 1, write 0 to the FMR01 bit before writing 1.
Do not generate an interrupt between writing 0 and 1.
EW1 Mode Operating Procedure
Program in ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com