Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 367Page - Renesas Technology Corp R8C/29 Datasheet HTML 368Page - Renesas Technology Corp R8C/29 Datasheet HTML 369Page - Renesas Technology Corp R8C/29 Datasheet HTML 370Page - Renesas Technology Corp R8C/29 Datasheet HTML 371Page - Renesas Technology Corp R8C/29 Datasheet HTML 372Page - Renesas Technology Corp R8C/29 Datasheet HTML 373Page - Renesas Technology Corp R8C/29 Datasheet HTML 374Page - Renesas Technology Corp R8C/29 Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 354 of 441
REJ09B0279-0210
Figure 19.11
Process to Reduce Power Consumption in High-Speed On-Chip Oscillator Mode,
Low-Speed On-Chip Oscillator Mode (XIN Clock Stops) and Low-Speed Clock Mode
(XIN Clock Stops)
Transfer a high-speed on-chip oscillator mode, low-
speed on-chip oscillator mode (XIN clock stops), and
low-speed clock mode (XIN clock stops) program to
the RAM.
Jump to the high-speed on-chip oscillator mode, low-
speed on-chip oscillator mode (XIN clock stops), and
low-speed clock mode (XIN clock stops) program
which has been transferred to the RAM.
(The subsequent processing is executed by the
program in the RAM.)
Write 0 to the FMR01 bit before writing 1
(CPU rewrite mode enabled)
Switch the clock source for the CPU clock.
Turn XIN off
Process in high-speed on-chip oscillator
mode, low-speed on-chip oscillator mode
(XIN clock stops), and low-speed clock
mode (XIN clock stops)
Write 0 to the FMR01 bit
(CPU rewrite mode disabled)
Jump to a specified address in the flash memory
High-speed on-chip oscillator mode,
low-speed on-chip oscillator mode
(XIN clock stops), and low-speed
clock mode (XIN clock stops)
program
NOTES:
1. Set the FMR01 bit to 1 (CPU rewrite mode enabled) before setting the
FMSTP bit to 1.
2. Before switching to a different clock source for the CPU, make sure
the designated clock is stable.
3. Insert a 30
µs wait time in a program. Do not access to the flash
memory during this wait time.
Write 1 to the FMSTP bit (flash memory stops.
low power consumption mode)(1)
Wait until the flash memory circuit stabilizes
(30
µs)(3)
Write 0 to the FMSTP bit
(flash memory operation)
Turn XIN clock on
→ wait until oscillation
stabilizes
→ switch the clock source for CPU
clock(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com