Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 377Page - Renesas Technology Corp R8C/29 Datasheet HTML 378Page - Renesas Technology Corp R8C/29 Datasheet HTML 379Page - Renesas Technology Corp R8C/29 Datasheet HTML 380Page - Renesas Technology Corp R8C/29 Datasheet HTML 381Page - Renesas Technology Corp R8C/29 Datasheet HTML 382Page - Renesas Technology Corp R8C/29 Datasheet HTML 383Page - Renesas Technology Corp R8C/29 Datasheet HTML 384Page - Renesas Technology Corp R8C/29 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 364 of 441
REJ09B0279-0210
Figure 19.17
Pin Connections for Standard Serial I/O Mode 3
Table 19.8
Pin Functions (Flash Memory Standard Serial I/O Mode 3)
Pin
Name
I/O
Description
VCC,VSS
Power input
Apply the voltage guaranteed for programming and
erasure to the VCC pin and 0 V to the VSS pin.
RESET
Reset input
I
Reset input pin.
P4_6/XIN/XCIN
P4_6 input/clock input
I
Connect a ceramic resonator or crystal oscillator
between the XIN/XCIN and XOUT/XCOUT pins
when connecting external oscillator. Apply “H” and
“L” or leave the pin open when using as input port.
P4_7/XOUT/XCOUT P4_7 input/clock output
I/O
P1_0 to P1_7
Input port P1
I
Input “H” or “L” level signal or leave the pin open.
P3_3 to P3_5, P3_7
Input port P3
I
P4_2/VREF, P4_5
Input port P4
I
MODE
MODE
I/O Serial data I/O pin. Connect to the flash
programmer.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Connect
oscillator
circuit(1)
VCC
MODE
VSS
Package: PLSP0020JB-A (20P2F-A)
Mode setting
Signal
Value
MODE
RESET
Voltage from programmer
VSS
→ VCC
NOTE:
1. It is not necessary to connect an oscillating circuit
when operating with the on-chip oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com