Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 380Page - Renesas Technology Corp R8C/29 Datasheet HTML 381Page - Renesas Technology Corp R8C/29 Datasheet HTML 382Page - Renesas Technology Corp R8C/29 Datasheet HTML 383Page - Renesas Technology Corp R8C/29 Datasheet HTML 384Page - Renesas Technology Corp R8C/29 Datasheet HTML 385Page - Renesas Technology Corp R8C/29 Datasheet HTML 386Page - Renesas Technology Corp R8C/29 Datasheet HTML 387Page - Renesas Technology Corp R8C/29 Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 471 page
background image
R8C/28 Group, R8C/29 Group
19. Flash Memory
Rev.2.10
Sep 26, 2008
Page 367 of 441
REJ09B0279-0210
19.7
Notes on Flash Memory
19.7.1
CPU Rewrite Mode
19.7.1.1
Operating Speed
Before entering CPU rewrite mode (EW0 mode), select 5 MHz or below for the CPU clock using the CM06 bit
in the CM0 register and bits CM16 to CM17 in the CM1 register.
This does not apply to EW1 mode.
19.7.1.2
Prohibited Instructions
The following instructions cannot be used in EW0 mode because they reference data in the flash memory:
UND, INTO, and BRK.
19.7.1.3
Interrupts
Table 19.9 lists the EW0 Mode Interrupts and Table 19.10 lists the EW1 Mode Interrupts.
NOTES:
1. Do not use the address match interrupt while a command is being executed because the vector of
the address match interrupt is allocated in ROM.
2. Do not use a non-maskable interrupt while block 0 is being automatically erased because the fixed
vector is allocated in block 0.
Table 19.9
EW0 Mode Interrupts
Mode
Status
When Maskable Interrupt
Request is Acknowledged
When Watchdog Timer, Oscillation Stop
Detection, Voltage Monitor 1, or Voltage
Monitor 2 Interrupt Request is
Acknowledged
EW0 During auto-erasure
Any interrupt can be used by
allocating a vector in RAM
Once an interrupt request is
acknowledged, auto-programming or
auto-erasure is forcibly stopped
immediately and the flash memory is
reset. Interrupt handling starts after the
fixed period and the flash memory
restarts. Since the block during auto-
erasure or the address during auto-
programming is forcibly stopped, the
normal value may not be read. Execute
auto-erasure again and ensure it
completes normally.
Since the watchdog timer does not stop
during the command operation,
interrupt requests may be generated.
Reset the watchdog timer regularly.
Auto-programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com