Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 182Page - Renesas Technology Corp HD6417618A Datasheet HTML 183Page - Renesas Technology Corp HD6417618A Datasheet HTML 184Page - Renesas Technology Corp HD6417618A Datasheet HTML 185Page - Renesas Technology Corp HD6417618A Datasheet HTML 186Page - Renesas Technology Corp HD6417618A Datasheet HTML 187Page - Renesas Technology Corp HD6417618A Datasheet HTML 188Page - Renesas Technology Corp HD6417618A Datasheet HTML 189Page - Renesas Technology Corp HD6417618A Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 154 of 610
REJ09B0131-0600
Figure 7.11 shows an example of the connection of the SDRAM with the LSI.
A14
A1
CKE
CKIO
CSn
RAS
CAS
RD/
WR
D15
D0
DQMLU
DQMLL
64-Mbit SDRAM
(1 Mword x 16 bits x 4 banks)
A13
A0
CKE
CLK
CS
RAS
CAS
WE
I/O15
I/O0
DQMU
DQML
This LSI
Figure 7.11 Example of 16-Bit Data-Width SDRAM Connection
Address Multiplexing: An address multiplexing is specified so that SDRAM can be connected
without external multiplexing circuitry according to the setting of bits BSZ1 and BSZ0 in
CSnBCR, AnROW1 and AnROW0 and AnCOL1 AnCOL0 in SDCR. Tables 7.10 to 7.12 show
the relationship between those settings and the bits output on the address pins. Do not specify
those bits in the manner other than this table, otherwise the operation of this LSI is not guaranteed.
A25 to A18 are not multiplexed and the original values of address are always output on these pins.
Pin A0 of SDRAM specifies a word address. Therefore, connect this A0 pin of SDRAM to pin A1
of this LSI; pin A1 pin of SDRAM to pin A2 of this LSI, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com