Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 94Page - Renesas Technology Corp HD6417618A Datasheet HTML 95Page - Renesas Technology Corp HD6417618A Datasheet HTML 96Page - Renesas Technology Corp HD6417618A Datasheet HTML 97Page - Renesas Technology Corp HD6417618A Datasheet HTML 98Page - Renesas Technology Corp HD6417618A Datasheet HTML 99Page - Renesas Technology Corp HD6417618A Datasheet HTML 100Page - Renesas Technology Corp HD6417618A Datasheet HTML 101Page - Renesas Technology Corp HD6417618A Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 66 of 610
REJ09B0131-0600
5.1.2
Exception Handling Operations
The exceptions are detected and the exception handling starts according to the timing shown in
table 5.2.
Table 5.2
Timing for Exception Detection and Start of Exception Handling
Exception
Timing of Source Detection and Start of Exception Handling
Reset
Power-on reset
Started when the
RES pin changes from low to high or when the
WDT overflows.
H-UDI reset
Started when the reset assert command and the reset negate
command are input to the H-UDI in this order.
Address error
Interrupt
Detected during the instruction decode stage and started after the
execution of the current instruction is completed.
Instruction
Trap instruction
Started by the execution of the TRAPA instruction.
General illegal
instructions
Started when an undefined code placed at other than a delay slot
(immediately after a delayed branch instruction) is decoded.
Illegal slot
instructions
Started when an undefined code placed at a delay slot
(immediately after a delayed branch instruction) or an instruction
that changes the PC value is detected.
When exception handling starts, the CPU operates
Exception Handling Triggered by Reset: The initial values of the program counter (PC) and
stack pointer (SP) are fetched from the exception handling vector table (PC from the address
H'A0000000 and SP from the address H'A0000004). For details, see section 5.1.3, Exception
Handling Vector Table. H'00000000 is then written to the vector base register (VBR), and H'F
(B'1111) is written to the interrupt mask bits (I3 to I0) in the status register (SR). The program
starts from the PC address fetched from the exception handling vector table.
Exception Handling Triggered by Address Error, Interrupt, and Instruction: SR and PC are
saved to the stack indicated by R15. For interrupt exception handling, the interrupt priority level is
written to the interrupt mask bits (I3 to I0) in SR. For address error and instruction exception
handling, bits I3 to I0 are not affected. The start address is then fetched from the exception
handling vector table and the program starts from that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com