Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 97Page - Renesas Technology Corp HD6417618A Datasheet HTML 98Page - Renesas Technology Corp HD6417618A Datasheet HTML 99Page - Renesas Technology Corp HD6417618A Datasheet HTML 100Page - Renesas Technology Corp HD6417618A Datasheet HTML 101Page - Renesas Technology Corp HD6417618A Datasheet HTML 102Page - Renesas Technology Corp HD6417618A Datasheet HTML 103Page - Renesas Technology Corp HD6417618A Datasheet HTML 104Page - Renesas Technology Corp HD6417618A Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 69 of 610
REJ09B0131-0600
5.2
Resets
5.2.1
Types of Resets
Resets have priority over any exception source. As table 5.5 shows, a power-on reset initializes all
modules in this LSI.
Table 5.5
Reset Status
Conditions for Transition to
Reset State
Internal State
Type
RES
WDT
Overflow
H-UDI
Command
CPU, INTC
On-Chip
Peripheral
Module
PFC, I/O Port
Low
Initialized
Initialized
Initialized
Power-on reset
High
Overflow
Initialized
Initialized
Initialized
H-UDI reset
High
Not
overflowed
Reset assert
command
Initialized
Initialized
Initialized
5.2.2
Power-On Reset
Power-On Reset by
RES Pin: When the RES pin is driven low, this LSI enters the power-on
reset state. To reliably reset this LSI, the
RES pin should be kept low for at least the oscillation
settling time when applying the power or when in standby mode (when the clock is halted) or at
least 20 tcyc when the clock is operating. During the power-on reset state, CPU internal states and
all registers of on-chip peripheral modules are initialized.
In the power-on reset state, power-on reset exception handling starts when driving the
RES pin
high after driving the pin low for the given time. The CPU operates as follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception handling vector table are set in PC and SP, then the
program starts.
Be certain to always perform power-on reset exception handling when turning the system power
on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com