Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 89Page - Renesas Technology Corp HD6417618A Datasheet HTML 90Page - Renesas Technology Corp HD6417618A Datasheet HTML 91Page - Renesas Technology Corp HD6417618A Datasheet HTML 92Page - Renesas Technology Corp HD6417618A Datasheet HTML 93Page - Renesas Technology Corp HD6417618A Datasheet HTML 94Page - Renesas Technology Corp HD6417618A Datasheet HTML 95Page - Renesas Technology Corp HD6417618A Datasheet HTML 96Page - Renesas Technology Corp HD6417618A Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 646 page
background image
Section 3 Cache
Rev. 6.00 Jun. 12, 2007 Page 61 of 610
REJ09B0131-0600
3.4.3
Usage Examples
Invalidating Specific Entries: Specific cache entries can be invalidated by writing 0 to the entry's
V bit in the memory-mapped cache access. When the A bit is 1, the tag address specified by the
write data is compared to the tag address within the cache selected by the entry address, and the V
bit and U bit specified by the write data are written when a match is found. If no match is found,
there is no operation. When the V bit of an entry in the address array is set to 0, the entry is written
back if the entry's U bit is 1. In the example shown below, R0 specifies the write data and R1
specifies the address.
; R0=H'01100010; VPN=B'0000 0001 0001 0000 0000 00, U=0, V=0
; R1=H'F0000088; address array access, entry=B'001000
(entry=B'00001000 for the SH7618A), A=1
;
MOV.L R0,@R1
Reading Data of Specific Entry: The data section of a specific entry can be read from by the
memory-mapped cache access. The longword indicated in the data field of the data array in
figure 3.4 is read into the register. In the example shown below, R0 specifies the address and R1
shows what is read.
; R0=H'F100004C; data array access, entry=B'000100
(entry=B'00000100 for the SH7618A)
; Way = 0, longword address = 3
;
MOV.L @R0,R1 ; Longword 3 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com