Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 180Page - Renesas Technology Corp HD6417618A Datasheet HTML 181Page - Renesas Technology Corp HD6417618A Datasheet HTML 182Page - Renesas Technology Corp HD6417618A Datasheet HTML 183Page - Renesas Technology Corp HD6417618A Datasheet HTML 184Page - Renesas Technology Corp HD6417618A Datasheet HTML 185Page - Renesas Technology Corp HD6417618A Datasheet HTML 186Page - Renesas Technology Corp HD6417618A Datasheet HTML 187Page - Renesas Technology Corp HD6417618A Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 152 of 610
REJ09B0131-0600
7.5.4
Extension of Chip Select (
CSn) Assertion Period
The number of cycles from
CSn assertion to RD and WEn (BEn) assertion can be specified by
setting bits SW1 and SW0 in CSnWCR. The number of cycles from
RD and WEn (BEn) negation
to
CSn negation can be specified by setting bits HW1 and HW0. Therefore, a flexible interface to
an external device can be obtained. Figure 7.10 shows an example. A Th cycle and a Tf cycle are
added before and after a normal cycle, respectively. In these cycles,
RD and WEn (BEn) are not
asserted, while other signals are asserted. The data output is prolonged to the Tf cycle, and this
prolongation is useful for devices with slow writing operations.
T1
CKIO
A25 to A0
CSn
RD/
WR
RD
D15 to D0
D15 to D0
WEn(BEn)
BS
Th
Read
Write
T2
Tf
Figure 7.10 Example of Timing when
CSn Assertion Period is Extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com