Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 426Page - Renesas Technology Corp HD6417618A Datasheet HTML 427Page - Renesas Technology Corp HD6417618A Datasheet HTML 428Page - Renesas Technology Corp HD6417618A Datasheet HTML 429Page - Renesas Technology Corp HD6417618A Datasheet HTML 430Page - Renesas Technology Corp HD6417618A Datasheet HTML 431Page - Renesas Technology Corp HD6417618A Datasheet HTML 432Page - Renesas Technology Corp HD6417618A Datasheet HTML 433Page - Renesas Technology Corp HD6417618A Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 398 of 610
REJ09B0131-0600
15.4.2
HIF General Status Register (HIFGSR)
HIFGSR is a 32-bit register, which can be freely used for handshaking between an external device
connected to the HIF and the software of this LSI. HIFGSR can be read from and written to by the
on-chip CPU. Reading from HIFGSR by an external device should be performed with the HIFRS
pin high, or HIFGSR specified by bits REG5 to REG0 in HIFIDX and the HIFRS pin low. Writing
to HIFGSR by an external device should be performed with HIFGSR specified by bits REG5 to
REG0 in HIFIDX and the HIFRS pin low.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
15 to 0
STATUS15 to
STATUS0
All 0
R/W
General Status
This register can be read from and written to by an
external device connected to the HIF, and by the
on-chip CPU. These bits are initialized only at a
power-on reset.
15.4.3
HIF Status/Control Register (HIFSCR)
HIFSCR is a 32-bit register used to control the HIFRAM access mode and endian setting.
HIFSCR can be read from and written to by the on-chip CPU. Access to HIFSCR by an external
device should be performed with HIFSCR specified by bits REG5 to REG0 in HIFIDX and the
HIFRS pin low.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
—
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com