Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 430Page - Renesas Technology Corp HD6417618A Datasheet HTML 431Page - Renesas Technology Corp HD6417618A Datasheet HTML 432Page - Renesas Technology Corp HD6417618A Datasheet HTML 433Page - Renesas Technology Corp HD6417618A Datasheet HTML 434Page - Renesas Technology Corp HD6417618A Datasheet HTML 435Page - Renesas Technology Corp HD6417618A Datasheet HTML 436Page - Renesas Technology Corp HD6417618A Datasheet HTML 437Page - Renesas Technology Corp HD6417618A Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 402 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
3
RD
0
R/W*
Read
When this bit is set to 1, the HIFRAM data corresponding
to HIFADR is fetched to HIFDATA.
If this bit and the LOCK bit are set to 1 simultaneously,
HIFRAM consecutive read mode is entered, and high-
speed data transfer becomes possible. This mode is
maintained until this bit is next cleared to 0, or until the
LOCK bit is cleared to 0.
If the LOCK bit is not simultaneously set to 1 with this bit,
reading of HIFRAM is performed only once. Thereafter,
the value of this bit is automatically cleared to 0.
2, 1
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
0
AI/AD
0
R/W*
Address Auto-Increment/Decrement
This bit is valid only when the LOCK bit is 1. The value of
HIFADR is automatically incremented by 4 or
decremented by 4 according to the setting of this bit each
time reading or writing of HIFRAM is performed.
0: Auto-increment mode (+4)
1: Auto-decrement mode (
−4)
Note:
*
This bit can be only written to by an external device when the HIFRS pin is low. It
cannot be written to by the on-chip CPU. Changing the HIFRAM banks accessible from
an external device by setting the BMD and BSEL bits in HIFSCR does not affect the
setting of this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com