Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 423Page - Renesas Technology Corp HD6417618A Datasheet HTML 424Page - Renesas Technology Corp HD6417618A Datasheet HTML 425Page - Renesas Technology Corp HD6417618A Datasheet HTML 426Page - Renesas Technology Corp HD6417618A Datasheet HTML 427Page - Renesas Technology Corp HD6417618A Datasheet HTML 428Page - Renesas Technology Corp HD6417618A Datasheet HTML 429Page - Renesas Technology Corp HD6417618A Datasheet HTML 430Page - Renesas Technology Corp HD6417618A Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 646 page
background image
Section 15 Host Interface (HIF)
Rev. 6.00 Jun. 12, 2007 Page 395 of 610
REJ09B0131-0600
15.4
Register Descriptions
The HIF has the following registers.
• HIF index register (HIFIDX)
• HIF general status register (HIFGSR)
• HIF status/control register (HIFSCR)
• HIF memory control register (HIFMCR)
• HIF internal interrupt control register (HIFIICR)
• HIF external interrupt control register (HIFEICR)
• HIF address register (HIFADR)
• HIF data register (HIFDATA)
• HIF boot control register (HIFBCR)
• HIFDREQ trigger register (HIFDTR)
• HIF bank interrupt control register (HIFBICR)
15.4.1
HIF Index Register (HIFIDX)
HIFIDX is a 32-bit register used to specify the register read from or written to by an external
device when the HIFRS pin is held low. HIFIDX can be only read by the on-chip CPU. HIFIDX
can be only written to by an external device while the HIFRS pin is driven high.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com