Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 348Page - Renesas Technology Corp HD6417618A Datasheet HTML 349Page - Renesas Technology Corp HD6417618A Datasheet HTML 350Page - Renesas Technology Corp HD6417618A Datasheet HTML 351Page - Renesas Technology Corp HD6417618A Datasheet HTML 352Page - Renesas Technology Corp HD6417618A Datasheet HTML 353Page - Renesas Technology Corp HD6417618A Datasheet HTML 354Page - Renesas Technology Corp HD6417618A Datasheet HTML 355Page - Renesas Technology Corp HD6417618A Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 646 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 6.00 Jun. 12, 2007 Page 320 of 610
REJ09B0131-0600
13.4
Interrupts
13.4.1
Interrupt Sources
The CMT has channels and each of them to which a different vector address is allocated has
compare match interrupt. When both the interrupt request flag (CMF) and interrupt enable bit
(CMIE) are set to 1, the corresponding interrupt request is output. When the interrupt is used to
activate a CPU interrupt, the priority of channels can be changed by the interrupt controller
settings. For details, see section 6, Interrupt Controller (INTC).
13.4.2
Timing of Setting Compare Match Flag
When CMCOR and CMCNT match, a compare match signal is generated and the CMF bit in
CMCSR is set to 1. The compare match signal is generated in the last cycle in which the values
match (when the CMCNT value is updated to H'0000). That is, after a match between CMCOR
and CMCNT, the compare match signal is not generated until the next CMCNT counter clock
input. Figure 13.4 shows the timing of CMF bit setting.
N
Peripheral operating
clock (P
φ)
Counter clock
CMCNT1
CMCOR1
Compare match
signal
(N + 1)th
clock
N
0
Figure 13.4 Timing of CMF Setting
13.4.3
Timing of Clearing Compare Match Flag
The CMF bit in CMCSR is cleared by reading 1 from this bit, then writing 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com