Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 346Page - Renesas Technology Corp HD6417618A Datasheet HTML 347Page - Renesas Technology Corp HD6417618A Datasheet HTML 348Page - Renesas Technology Corp HD6417618A Datasheet HTML 349Page - Renesas Technology Corp HD6417618A Datasheet HTML 350Page - Renesas Technology Corp HD6417618A Datasheet HTML 351Page - Renesas Technology Corp HD6417618A Datasheet HTML 352Page - Renesas Technology Corp HD6417618A Datasheet HTML 353Page - Renesas Technology Corp HD6417618A Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 646 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 6.00 Jun. 12, 2007 Page 318 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 1 and 0
Select the clock to be input to CMCNT from four
internal clocks obtained by dividing the peripheral
operating clock (P
φ). When the STR bit in CMSTR is
set to 1, CMCNT starts counting on the clock selected
with bits CKS1 and CKS0.
00: P
φ/8
01: P
φ/32
10: P
φ/128
11: P
φ/512
Note: *
Only 0 can be written, to clear the flag.
13.2.3
Compare Match Counter (CMCNT)
CMCNT is a 16-bit register used as an up-counter. When the counter input clock is selected with
bits CKS1 and CKS0 in CMCSR and the STR bit in CMSTR is set to 1, CMCNT starts counting
using the selected clock.
When the value in CMCNT and the value in compare match constant register (CMCOR) match,
CMCNT is cleared to H'0000 and the CMF flag in CMCSR is set to 1.
CMCNT is initialized to H'0000 by a power-on reset and a transition to standby mode.
13.2.4
Compare Match Constant Register (CMCOR)
CMCOR is a 16-bit register that sets the interval up to a compare match with CMCNT.
CMCOR is initialized to H'FFFF by a power-on reset and is initialized to H'FFFF in standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com