Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6417618A Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # HD6417618A
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618A Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button HD6417618A Datasheet HTML 347Page - Renesas Technology Corp HD6417618A Datasheet HTML 348Page - Renesas Technology Corp HD6417618A Datasheet HTML 349Page - Renesas Technology Corp HD6417618A Datasheet HTML 350Page - Renesas Technology Corp HD6417618A Datasheet HTML 351Page - Renesas Technology Corp HD6417618A Datasheet HTML 352Page - Renesas Technology Corp HD6417618A Datasheet HTML 353Page - Renesas Technology Corp HD6417618A Datasheet HTML 354Page - Renesas Technology Corp HD6417618A Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 646 page
background image
Section 13 Compare Match Timer (CMT)
Rev. 6.00 Jun. 12, 2007 Page 319 of 610
REJ09B0131-0600
13.3
Operation
13.3.1
Interval Count Operation
When an internal clock is selected with bits CKS1 and CKS0 in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and CMCOR match, CMCNT is cleared to H'0000 and the CMF flag in CMCSR is set
to 1. When the CMIE bit in CMCSR is set to 1, a compare match interrupt (CMI) is requested.
CMCNT then starts counting up again from H'0000.
Figure 13.2 shows the operation of the compare match counter.
CMCOR1
H'0000
CMCNT1 value
Time
Counter cleared by compare
match with CMCOR1
Figure 13.2 Counter Operation
13.3.2
CMCNT Count Timing
One of four internal clocks (P
φ/8, Pφ/32, Pφ/128, and Pφ/512) obtained by dividing the Pφ clock
can be selected with bits CKS1 and CKS0 in CMCSR. Figure 13.3 shows the timing.
Peripheral operating
clock (P
φ)
Nth
clock
(N + 1)th
clock
Count clock
CMCNT1
N
N + 1
Figure 13.3 Count Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com