Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 144 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 144 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 140Page - ams-OSRAM AG AS7150 Datasheet HTML 141Page - ams-OSRAM AG AS7150 Datasheet HTML 142Page - ams-OSRAM AG AS7150 Datasheet HTML 143Page - ams-OSRAM AG AS7150 Datasheet HTML 144Page - ams-OSRAM AG AS7150 Datasheet HTML 145Page - ams-OSRAM AG AS7150 Datasheet HTML 146Page - ams-OSRAM AG AS7150 Datasheet HTML 147Page - ams-OSRAM AG AS7150 Datasheet HTML 148Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
144 / 159
/
8.14.8
STANDBY_EN7 register (Address 0xA7)
Table 137: STANDBY_EN7 register
Addr: 0xA7
STANDBY_EN7
Bit
Bit name
Default
Access
Bit description
7:5
stby_en7_time1
0
R/W
This register controls the standby timing for
Standby Enable 7 block. Once this register is
configured to a value great than zero tSTANDBY_7 is
calculated with the following formula:
������������������������������������������������_7 = (������������������������_������������7_������������������������1 + 1) ∗ 31.25 µ������
The register value of stby_en7_time2 register is
ignored in case stby_en7_time1 is greater zero
and does not contribute to the timing calculation
of tSTANDBY_7. However, if register
stby_en7_time1 is set to zero the timing for
Standby Enable 7 block is controlled via register
stby_en7_time2 register.
4:0
stby_en7_time2
16
R/W
In case stby_en7_time1 register is set to zero
this register takes over timing control of Standby
Enable block 7. The timing for tSTANDBY_7 is then
calculated with the following formula:
������������������������������������������������_7 = ������������������������_������������7_������������������������2 ∗ 1 µ������
8.15
FIFO
8.15.1
FIFO_THRESHOLD register (Address 0xD0)
Table 138: FIFO_THRESHOLD register
Addr: 0xD0
FIFO_THRESHOLD
Bit
Bit name
Default
Access
Bit description
7:0
fifo_threshold[7:0]
0
R/W
This is the lower 8-bit FIFO threshold register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com