Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 60Page - ams-OSRAM AG AS7150 Datasheet HTML 61Page - ams-OSRAM AG AS7150 Datasheet HTML 62Page - ams-OSRAM AG AS7150 Datasheet HTML 63Page - ams-OSRAM AG AS7150 Datasheet HTML 64Page - ams-OSRAM AG AS7150 Datasheet HTML 65Page - ams-OSRAM AG AS7150 Datasheet HTML 66Page - ams-OSRAM AG AS7150 Datasheet HTML 67Page - ams-OSRAM AG AS7150 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
64 / 159
/
8.2.3
INT_CFG register (Address 0x12)
Table 16: INT_CFG register
Addr: 0x12
INT_CFG
Bit
Bit name
Default
Access
Bit description
6
int_e2
0
R/W
This bit controls together with bit int_e4_the
output driving strength of the INT pin.
0: Normal INT driving strength
1: Extended INT driving strength
5
int_e4
0
R/W
This bit controls together with bit int_e2_the
output driving strength of the INT pin. This bit
should be enabled in case driving strength of
INT is still not sufficient after int_e2 bit was
set to one.
0: Normal INT driving strength
1: Extended INT driving strength
4
int_sr
0
R/W
This bit allows for a change of the INT pin
slew rate.
0: Normal INT pin slew rate
1: Fast INT pin slew rate
3
int_pu
0
R/W
This bit enabled the internal pull-up resistor
of the INT pin.
0: Pull-up resistor disabled
1: Pull-up resistor enabled
2
int_pd
0
R/W
This bit enabled the internal pull-down
resistor of the INT pin.
0: Pull-down resistor disabled
1: Pull-down resistor enabled
0
int_inv
0
R/W
This bit can change the polarity of the IRQ
output pin.
0: Normal output operation of INT pin
1: Inverted output operation of INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com