Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 28Page - ams-OSRAM AG AS7150 Datasheet HTML 29Page - ams-OSRAM AG AS7150 Datasheet HTML 30Page - ams-OSRAM AG AS7150 Datasheet HTML 31Page - ams-OSRAM AG AS7150 Datasheet HTML 32Page - ams-OSRAM AG AS7150 Datasheet HTML 33Page - ams-OSRAM AG AS7150 Datasheet HTML 34Page - ams-OSRAM AG AS7150 Datasheet HTML 35Page - ams-OSRAM AG AS7150 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 159 page
background image
AS7150
Functional description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
32 / 159
/
7.6.3
Measurement modes
AS7150 basic measurement mode is the Single Measurement Mode which does not support
any kind of ambient light compensation. If ambient light compensation measurement modes
are desired, please refer to chapter 7.6.4 Ambient light compensation. However, it’s worth
mentioning that all measurement modes for ambient light compensation do rely on the basic
principle and timing of the Single Measurement mode which is described in this chapter and
illustrated in Figure 22.
7.6.3.1
Single measurement mode
The Single Measurement mode is the simplest measurement which can be selected and
assigned to a subsample. A timing diagram to explain the operation mode and working
principle of the Single Measurement is shown in Figure 22. Once a Single measurement is
executed, the first step in the measurement procedure is that the assigned photodiode is
connected via the internal multiplexers to the selected ADC channel. At the same time a DAC
offset current, which is setup in AOC_MOD1_SEQ1_SUBx and AOC_MOD2_SEQ1_SUBx
register, is applied to the summing node of the selected ADC and the photodiode input. After
a short delay, which can be configured as part of the chip configuration, the LEDs with the
configured LED currents in registers SEQ1_LED1_CURR, SEQ1_LED2_CURR and
SEQ1_LED3_CURR are enabled for the measurement and in parallel, the ADC is started.
After a configurable modulator reset time, the SINC down-sampler filter is fed with data. The
measurement time depends now very much on the configuration of the SINC filter, filter order
and internal clock speed of AS7150. These parameters are typically configured with
SEQ1_MODE_A, SEQ1_MODE_B, SEQ1_SEL_ORDER and SEQ1_SINC_DEC register for
both modulators. Once the measurement time has elapsed the sample data is written to the
FIFO memory and ready for readout by a host MCU. Please refer to chapter 7.6.5 Parameters
for more detailed timing diagrams and timing characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com