Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 63 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 63 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 59Page - ams-OSRAM AG AS7150 Datasheet HTML 60Page - ams-OSRAM AG AS7150 Datasheet HTML 61Page - ams-OSRAM AG AS7150 Datasheet HTML 62Page - ams-OSRAM AG AS7150 Datasheet HTML 63Page - ams-OSRAM AG AS7150 Datasheet HTML 64Page - ams-OSRAM AG AS7150 Datasheet HTML 65Page - ams-OSRAM AG AS7150 Datasheet HTML 66Page - ams-OSRAM AG AS7150 Datasheet HTML 67Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
63 / 159
/
8.2.2
CGB_CFG register (Address 0x11)
Table 15: CGB_CFG register
Addr: 0x11
CGB_CFG
Bit
Bit name
Default
Access
Bit description
7
bgcal_done_sel
0
R/W
This configuration bit defines how often the
32 kHz calibration is executed.
0: Only one calibration cycle executed
1: Calibration running until low frequency
oscillator is close to 32 kHz
6
bgcal_en
0
PUSH1
Once this bit is set to one calibration of the
32 kHz low frequency oscillator is started.
0: 32 kHz oscillator calibration disabled
1: 32 kHz oscillator calibration enabled
2
pll_on
0
R/W
The bit enables the internal PLL for the
20 MHz clock to operate the ADCs.
0: 20 MHz PLL disabled
1: 20 MHz PLL enabled
1
hf_osc_on
0
R/W
This bit enables the internal 2 MHz on chip
high frequency oscillator. Please mind that
there is a 100µs settling time mandatory
once the 32 kHz low frequency oscillator is
enabled, via lf_osc_on_register, before the
high freqeuncy oscillator can be switch on.
0: 2 MHz high frequency oscillator disabled
1: 2 MHz high frequency oscillator enabled
0
lf_osc_on
0
R/W
This bit enables the internal 32kHz low
frequency oscillator.
0: 32 kHz low frequency oscillator disabled
1: 32 kHz low frequency oscillator enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com