Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 27Page - ams-OSRAM AG AS7150 Datasheet HTML 28Page - ams-OSRAM AG AS7150 Datasheet HTML 29Page - ams-OSRAM AG AS7150 Datasheet HTML 30Page - ams-OSRAM AG AS7150 Datasheet HTML 31Page - ams-OSRAM AG AS7150 Datasheet HTML 32Page - ams-OSRAM AG AS7150 Datasheet HTML 33Page - ams-OSRAM AG AS7150 Datasheet HTML 34Page - ams-OSRAM AG AS7150 Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
AS7150
Functional description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
31 / 159
/
The LED input channel current settings can be configured with SEQ2_LED1_CURR,
SEQ2_LED2_CURR and SEQ2_LED3_CURR along with the LED assignments for each
subsample in LED_SEQ2_SUBx registers.
The integration time is also for both ADCs the same and is controlled via register
SEQ2_SEL_ORDER as well as decimation rates between 16, 32, 64, 128 and 256 via register
SEQ2_SINC_DEC. To maintain best dynamic range and noise behavior it is also important
that the current range for ADC1 and ADC2 is configured accordingly. Each ADC signal path
supports seven full-scale range settings of 1µA, 2µA, 4µA, 8µA, 16µA, 32µA, and 64µA which
can be configured in register MOD1_SEQ2_IREF and MOD2_SEQ2_IREF for sequencer 2.
Individual configurations for both ADCs are the photodiode assignments via register
PD_SEQ2_SUBx as well as the offset DAC currents for ambient light rejection which can be
configured via AOC_MOD1_SEQ2_SUBx registers.
Figure 21: Sequencer 2 sample structure and configuration options
Sequencer 2
e.g. Proximity
Force
Sample
Force
Sample
Force
Sample
Force
Sample
Sequencer 1 Sample Period
Sequencer 1 Sample Period
Sequencer 2 Sample Period
Sequencer 2 Sample Period
t
Prox
Sample
Prox
Sample
Base Period
Base Period
Base Period
Base Period
Base Period
Base Period
Base Period
Base Period
Subsample
1
Subsample
2
Subsample
3
Subsample
4
Current settings LED input channel 1 –
ADC 1 and ADC 2 integration time
SUB 1 LED
Selection
SUB 2 LED
Selection
SUB 3 LED
Selection
SUB 4 LED
Selection
ADC 1 input current range
SUB 1
ADC 1 PD
Selection
SUB 2
ADC 1 PD
Selection
SUB 3
ADC 1 PD
Selection
SUB 4
ADC 1 PD
Selection
ADC 2 input current range
SUB 1
ADC 2 PD
Selection
SUB 2
ADC 2 PD
Selection
SUB 3
ADC 2 PD
Selection
SUB 4
ADC 2 PD
Selection
Sequencer 2
Sample Structure and Configuration
SUB 1
ADC 1
DAC Offset
SUB 2
ADC 1
DAC Offset
SUB 3
ADC 1
DAC Offset
SUB 4
ADC 1
DAC Offset
Sequencer 1
e.g. Force Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com