Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 97 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 97 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 93Page - ams-OSRAM AG AS7150 Datasheet HTML 94Page - ams-OSRAM AG AS7150 Datasheet HTML 95Page - ams-OSRAM AG AS7150 Datasheet HTML 96Page - ams-OSRAM AG AS7150 Datasheet HTML 97Page - ams-OSRAM AG AS7150 Datasheet HTML 98Page - ams-OSRAM AG AS7150 Datasheet HTML 99Page - ams-OSRAM AG AS7150 Datasheet HTML 100Page - ams-OSRAM AG AS7150 Datasheet HTML 101Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
97 / 159
/
8.9.2
SEQ_SUB_WAIT register (Address 0x41)
Table 60: SEQ_SUB_WAIT register
Addr: 0x41
SEQ_SUB_WAIT
Bit
Bit name
Default
Access
Bit description
7:0
sub_wait
0
R/W
This register controls the subsample wait
time tSUB_WAIT which can be added to have
breaks in between each subsample. A
detailed timing diagram which shows
tSUB_WAIT can be found in chapter 7.6.5. The
waiting time is a multiple of 1 µs of the
register value which gives a range of
0 – 255µs as subsample waiting time.
8.9.3
SEQ_MODCONF register (Address 0x42)
Table 61: SEQ_MODCONF register
Addr: 0x42
SEQ_MODCONF
Bit
Bit name
Default
Access
Bit description
4:2
mod_reset_delay
0
R/W
This register configures the ADC modulator
settling time tMOD_RES after startup or standby
mode start of the modulators. A detailed
timing diagram which shows tMOD_RES can be
found in chapter 7.6.5. The reset times for
the different register settings which are
shown below are calculated for fMOD_CLK of 10
MHz which is configured via register modclk.
0: 4 * (1/ fMOD_CLK) = 0.4 µs
1: 8 * (1/ fMOD_CLK) = 0.8 µs
2: 16 * (1/ fMOD_CLK) = 1.6 µs
3: 32 * (1/ fMOD_CLK) = 3.2 µs
4: 64 * (1/ fMOD_CLK) = 6.4 µs
5: 128 * (1/ fMOD_CLK) = 12.8 µs
6: 256 * (1/ fMOD_CLK) = 25.6 µs
7: 256 * (1/ fMOD_CLK) = 25.6 µs
1:0
modclk
0
R/W
This register controls the ADC modulator
clock frequency fMOD_CLK which is used for
both sequencers and ADC modulators.
0: 10MHz
1: 5MHz
2: 2.5MHz
3: 1.25MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com