Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 14Page - ams-OSRAM AG AS7150 Datasheet HTML 15Page - ams-OSRAM AG AS7150 Datasheet HTML 16Page - ams-OSRAM AG AS7150 Datasheet HTML 17Page - ams-OSRAM AG AS7150 Datasheet HTML 18Page - ams-OSRAM AG AS7150 Datasheet HTML 19Page - ams-OSRAM AG AS7150 Datasheet HTML 20Page - ams-OSRAM AG AS7150 Datasheet HTML 21Page - ams-OSRAM AG AS7150 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 159 page
background image
AS7150
Functional description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
18 / 159
/
7
Functional description
The AS7150 is a low-power solution for optical force sensing (OFS) signal acquisition typically
used in consumer applications for button and proximity detection. The AS7150 provides three
low-noise LED current sinks along with two 20-bit ADCs featuring true simultaneously
photodiode sampling.
The AS7150 is optimized for optical force sensing products with the following strengths:
•
Low noise, high dynamic range optical force acquisition
•
Simultaneous sampling of two photodiode channels
•
Small system size
•
Integrated 3 channel low side LED driver
•
Proximity detection function
•
Various different options for automatic offset cancellation
•
Lowest power consumption
The AS7150 AFE contains two main blocks. An analog front-end for LED driving, signal
acquisition, photodiode selection, and signal preconditioning. Moreover, a digital backend for
signal filtering, balancing, and sampling. Furthermore, the digital block will handle the sensor
configuration, control, and communication to the external MCU.
The I²C interface controls all the functions of the AS7150. All the functions can be controlled
with an external MCU via the I²C interface while AS7150 is in active mode. The following
chapters provide more detailed descriptions of all functional blocks of AS7150.
7.1
LED driver
AS7150 features two internal LED current sinks with internal multiplexers to connect three LED
inputs. The LEDs are controlled and configured via a digital sequencer to unload the host MCU
with configuration and tasks. Its configuration and assignment options are shown in chapter
7.5 Sequencer and can be configured via a convenient graphical user interface.
Each Led driver can support LED currents up to 200mA which can be controlled in 64 steps for
the different sequencers with dedicated control registers SEQ1_LED1_CURR,
SEQ2_LED1_CURR, SEQ1_LED2_CURR, SEQ2_LED2_CURR, SEQ1_LED3_CURR and
SEQ2_LED3_CURR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com