Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 48Page - ams-OSRAM AG AS7150 Datasheet HTML 49Page - ams-OSRAM AG AS7150 Datasheet HTML 50Page - ams-OSRAM AG AS7150 Datasheet HTML 51Page - ams-OSRAM AG AS7150 Datasheet HTML 52Page - ams-OSRAM AG AS7150 Datasheet HTML 53Page - ams-OSRAM AG AS7150 Datasheet HTML 54Page - ams-OSRAM AG AS7150 Datasheet HTML 55Page - ams-OSRAM AG AS7150 Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 159 page
background image
AS7150
Functional description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
52 / 159
/
Figure 39: I²C sequential read format
Sequential Read is the extended form of Random Read, as more than one register-data byte is
subsequently transferred. In contrast to the Random Read, for a sequential read, the
transferred register-data bytes are responded to with an acknowledge from the master. The
number of data bytes transferred in one sequence is unlimited (consider the behavior of the
word-address counter). To terminate the transmission, the master has to send a “not-
acknowledge” following the last data byte and subsequently generate the STOP condition.
Figure 40: I²C current address read format
To keep the access time as small as possible, this format allows a read access without the
word address transfer in advance to the data transfer. The bus is idle, and the master issues a
START condition, followed by the Device-Read address. Analogous to Random Read, a single
byte transfer is terminated with a “not-acknowledge” after the first register byte. Analogous to
Sequential Read, an unlimited number of data bytes can be transferred - where the data bytes
have to be responded to with an acknowledge from the master. For termination of the
transmission, the master sends a “not-acknowledge” following the last data byte and a
subsequent STOP condition.
A
DW
S
WA
A Sr
DR
A
data 1
A
data 2
A
...
data n
P
N
RA++
RA++
RA++
S
DR
A
data 1
A
data 2
A
...
data n
P
N
RA++
RA++
RA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com