Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 45Page - ams-OSRAM AG AS7150 Datasheet HTML 46Page - ams-OSRAM AG AS7150 Datasheet HTML 47Page - ams-OSRAM AG AS7150 Datasheet HTML 48Page - ams-OSRAM AG AS7150 Datasheet HTML 49Page - ams-OSRAM AG AS7150 Datasheet HTML 50Page - ams-OSRAM AG AS7150 Datasheet HTML 51Page - ams-OSRAM AG AS7150 Datasheet HTML 52Page - ams-OSRAM AG AS7150 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 159 page
background image
AS7150
Functional description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
49 / 159
/
7.9
Communication interfaces
7.9.1
Interrupt output pin
The interrupt manager processes the interrupt events. These interrupt events must be
released for processing via an interrupt enable register IRQ_ENABLE. The dedicated interrupt
status bit is automatically reset when the corresponding sub-status register is read (auto-zero
register). For the FIFO threshold reset, the FIFO must be read or cleared. In this way, no
interrupt events may be lost.
7.9.2
I²C interface
The AS7150 AFE provides a digital I²C slave interface used for the external control of the
measurement setup and the control of all functions for the internal features. It supports single
and burst access via the I²C. Single access requires about 50% more time compared to burst
access, for the transmission of the same amount of data.
The AS7150 I²C slave uses an I²C address of 0x55 (7-bit format; 1-bit R/W bit has to be
added) respectively 60 h and 61 h. It expects external pull-up resistors.
I²C feature list:
•
Fast mode (400 kHz) and standard mode (100 kHz) support.
•
7+1-bit addressing mode.
•
Write formats: Single-Byte-Write, Burst-Write.
•
Read formats: Current-Address-Read, Random-Read, Sequential-Read.
•
SDA input delay and SCL spike filtering by integrated RC-components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com