Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 5Page - ams-OSRAM AG AS7150 Datasheet HTML 6Page - ams-OSRAM AG AS7150 Datasheet HTML 7Page - ams-OSRAM AG AS7150 Datasheet HTML 8Page - ams-OSRAM AG AS7150 Datasheet HTML 9Page - ams-OSRAM AG AS7150 Datasheet HTML 10Page - ams-OSRAM AG AS7150 Datasheet HTML 11Page - ams-OSRAM AG AS7150 Datasheet HTML 12Page - ams-OSRAM AG AS7150 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
AS7150
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
9 / 159
/
3.2
Pin description
Table 2: Pin description of AS7150
Pin number
Pin name
Pin type(1)
Description
A1
VCSELA
AO
Pin must be left unconnected.
A2
LED3
AI
LED driver 3 current sink LED input pin.
A3
LED2
AI
LED driver 2 current sink LED input pin.
A4
LED1
AI
LED driver 1 current sink LED input pin.
B1
PDREF
AO
Reference voltage terminal for photodiodes.
B2
VCSELS
AI
LED driver supply input terminal. Mind that this pin must be
connected the VLED supply.
B3
VDD2
P
Digital supply input pin. This pin needs to be connected via a
pull up resistor to VVDD chip supply.
B4
PGND
G
Power ground terminal for integrated LED driver current
sinks.
C1
PD2
AI
Photodiode input number 2.
C2
PD3
AI
Photodiode input number 3.
C3
INT
DO
Digital interrupt push pull output pin.
C4
SDA
DO
I²C data interface pin.
D1
PD1
AI
Photodiode input number 1.
D2
VDD
P
Positive supply terminal of AS7150.
D3
VSS
G
Negative supply terminal of AS7150.
D4
SCL
DI
I²C clock interface pin.
(1) Abbreviations:
DI
Digital Input
DO Digital Output
AI
Analog Input
AO Analog Output
P
Power Supply
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com