Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 146 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 146 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 142Page - ams-OSRAM AG AS7150 Datasheet HTML 143Page - ams-OSRAM AG AS7150 Datasheet HTML 144Page - ams-OSRAM AG AS7150 Datasheet HTML 145Page - ams-OSRAM AG AS7150 Datasheet HTML 146Page - ams-OSRAM AG AS7150 Datasheet HTML 147Page - ams-OSRAM AG AS7150 Datasheet HTML 148Page - ams-OSRAM AG AS7150 Datasheet HTML 149Page - ams-OSRAM AG AS7150 Datasheet HTML 150Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
146 / 159
/
8.15.4
FIFO_LEVEL1 register (Address 0xFC)
Table 141: FIFO_LEVEL1 register
Addr: 0xFC
FIFO_LEVEL1
Bit
Bit name
Default
Access
Bit description
2
fifo_overflow
0
RO
This is the FIFO overflow status bit.
0: No FIFO overflow
1: FIFO overflow
1:0
fifo_level[9:8]
0
RO
This is the upper 2- bit FIFO level register.
8.15.5
FIFOL register (Address 0xFD)
The FIFO can be read with individual read accesses (three consecutive I²C addresses for a
FIFO entry) or with burst read accesses (n * 3 bytes for n FIFO entry). By reading FIFOL, a
FIFO entry is read from the FIFO and the FIFO level is reduced. If you read beyond the end of
the FIFO, the last FIFO entry will be repeated. There is no underflow flag; this is not an error
condition. The FIFO level is 512 entries.
Table 142: FIFOL register
Addr: 0xFD
FIFOL
Bit
Bit name
Default
Access
Bit description
7:4
0
PUSHPOP
These are the lower 4 bits of the ADC data
reading.
3
fifol
0
PUSHPOP
This bit contains the block frame information.
2:0
0
PUSHPOP
This bit contains the data marker information.
Please refer to Figure 32 for more information
regarding the data marker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com