Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 150 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 150 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 146Page - ams-OSRAM AG AS7150 Datasheet HTML 147Page - ams-OSRAM AG AS7150 Datasheet HTML 148Page - ams-OSRAM AG AS7150 Datasheet HTML 149Page - ams-OSRAM AG AS7150 Datasheet HTML 150Page - ams-OSRAM AG AS7150 Datasheet HTML 151Page - ams-OSRAM AG AS7150 Datasheet HTML 152Page - ams-OSRAM AG AS7150 Datasheet HTML 153Page - ams-OSRAM AG AS7150 Datasheet HTML 154Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
150 / 159
/
8.17.3
STATUS_LED (Address 0xF6)
Table 150: STATUS_LED register
Addr: 0xF6
STATUS_LED
Bit
Bit name
Default
Access
Bit description
2:0
led_lowvds
0
RO
This is the low voltage LED driver current sink
status bit. Each of the three bits represents one
LED input. A bit is set to one in case the
configured LED current cannot be reached
resulting in a low drain to source voltage at the
internal LED driver current sink.
000: No low voltage condition at LED inputs
001: Low voltage condition VCSEL driver 1
010: Low voltage condition LED2 input
100: Low voltage condition LED3 input
8.17.4
STATUS_ASAT (Address 0xF7)
Table 151: STATUS_ASAT register
Addr: 0xF7
STATUS_ASAT
Bit
Bit name
Default
Access
Bit description
7:4
mod1_asat
0
RO
This is the analog saturation status register for
ADC modulator one. As long as the modulator is
working in its operating input range and there is
no saturation detected all bits of this register are
zero. If any of the four status bits is one the ADC
modulator one has run into saturation.
3:0
mod2_asat
0
R0
This is the analog saturation status register for
ADC modulator two. As long as the modulator is
working in its operating input range and there is
no saturation detected all bits of this register are
zero. If any of the four status bits is one the ADC
modulator one has run into saturation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com