Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 153 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 153 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 149Page - ams-OSRAM AG AS7150 Datasheet HTML 150Page - ams-OSRAM AG AS7150 Datasheet HTML 151Page - ams-OSRAM AG AS7150 Datasheet HTML 152Page - ams-OSRAM AG AS7150 Datasheet HTML 153Page - ams-OSRAM AG AS7150 Datasheet HTML 154Page - ams-OSRAM AG AS7150 Datasheet HTML 155Page - ams-OSRAM AG AS7150 Datasheet HTML 156Page - ams-OSRAM AG AS7150 Datasheet HTML 157Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
153 / 159
/
8.17.7
STATUS (Address 0xFA)
The STATUS register shows the current status of the interface. When released via
IRQ_ENABLE, all bits can trigger an interrupt. Reading the STATUS registers only deletes
irq_iir_overflow, irq_fifooverflow_and irq_sequencer.
To delete irq_prox, the STATUS_PROX register must be read.
To delete irq_vcsel, the STATUS_VCSEL register must be read.
To delete irq_asat, the STATUS_ASAT register must be read.
To delete irq_lowvds, the STATUS_LED register must be read.
To delete irq_sequencer, the STATUS_SEQ register must be read.
The interrupt for the fill level of the FIFO irq_fifothreshold cannot be deleted directly, but only
by lowering the FIFO level.
Table 154: STATUS register
Addr: 0xFA
STATUS
Bit
Bit name
Default
Access
Bit description
7
irq_prox
0
RO
This is the proximity interrupt status register.
Please read the STATUS_PROX register for
detailed information about the proximity state.
6
irq_vcsel
0
RO
This is the VCSEL interrupt status register.
Please read the STATUS_VCSEL register to get
information about the root cause of the interrupt
which can be a short circuit on one of the LED
inputs or an on time violation.
5
irq_asat
0
RO
This is the ADC modulator analog saturation
interrupt register. Please check the
STATUS_ASAT register to find out which of the
modulators ran into saturation.
4
irq_led_lowvds
0
RO
This is the LED driver input low voltage detection
interrupt register. Please read STATUS_LED
register in order to find out which LED input has
run into an undervoltage condition.
3
irq_fifooverflow
0
RO
This is the FIFO overflow interrupt register. Once
this bit is set a FIFO overflow event occurred and
ADC sampling data got lost.
2
irq_fifothreshold
0
RO
This is the FIFO threshold interrupt register. This
interrupt is released one the FIFO level is above
the FIFO level defined in FIFO_THRESHOLD
register.
0
irq_sequencer
0
RO
This is the sequencer interrupt register. Please
read out the STATUS_SEQ register to find out
the root cause of the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com