Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 155 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 155 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 151Page - ams-OSRAM AG AS7150 Datasheet HTML 152Page - ams-OSRAM AG AS7150 Datasheet HTML 153Page - ams-OSRAM AG AS7150 Datasheet HTML 154Page - ams-OSRAM AG AS7150 Datasheet HTML 155Page - ams-OSRAM AG AS7150 Datasheet HTML 156Page - ams-OSRAM AG AS7150 Datasheet HTML 157Page - ams-OSRAM AG AS7150 Datasheet HTML 158Page - ams-OSRAM AG AS7150 Datasheet HTML 159Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 155 / 159 page
background image
AS7150
Application information
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
155 / 159
/
Table 156: External components - resistors
Symbol
Parameter
Min. power
dissipation
Max. tolerance
Min. / Max.
nominal
resistance
Recommended
typ. value
RI2C_PU
I²C bus pull up resistors
0.03 W
±10%
1 kΩ / 47 kΩ
10 kΩ
Table 157: Optical front ends
Symbol
Parameter
Vendor
Part number
LED
wavelength
Typ. forward
voltage IR
MODx
Top looker optical front
end with one photodiode
and one IR LED
ams OSRAM
SFH 7061
940 nm
1.3 V @ 20 mA
MODx
Top looker optical front
end with two photodiodes
and one IR LED
ams OSRAM
SFH 7062
940 nm
1.3 V @ 20 mA
MODx
Side looker optical front
end with one photodiode
and one IR LED
ams OSRAM
SFH 7065
940 nm
1.3 V @ 20 mA
MODx
Side looker optical front
end with two photodiodes
and one IR LED
ams OSRAM
SFH 7066
940 nm
1.3 V @ 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com