Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 154 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 154 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 150Page - ams-OSRAM AG AS7150 Datasheet HTML 151Page - ams-OSRAM AG AS7150 Datasheet HTML 152Page - ams-OSRAM AG AS7150 Datasheet HTML 153Page - ams-OSRAM AG AS7150 Datasheet HTML 154Page - ams-OSRAM AG AS7150 Datasheet HTML 155Page - ams-OSRAM AG AS7150 Datasheet HTML 156Page - ams-OSRAM AG AS7150 Datasheet HTML 157Page - ams-OSRAM AG AS7150 Datasheet HTML 158Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 159 page
background image
AS7150
Application information
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
154 / 159
/
9
Application information
This chapter contains application related information.
9.1
Schematic
Figure 43: AS7150 application schematic 3 force buttons
9.2
External components
This chapter provides recommended external components for the example schematics shown
in chapter 9.1.
Table 155: External components - capacitors
Symbol
Parameter
Temp.
characteristic
Min. rated
voltage
Max. tolerance
Recommended
typ. value
CVDD
Input capacitor for VDD pin
Y5R; X5R
4 V
±10%
1 µF
CVDD2
Input capacitor for VDD2 pin
Y5R; X5R
4 V
±10%
1 µF
U1
PD1
D1
PD2
C1
PD3
C5
PDREF
B1
SDA
SCL
D4
C4
INT
C3
LED Inputs
Power
AS7150
WLCSP16
VVDD
VVDD2
CVDD
CVDD2
I2C
IRQ
IOVDD
VIOVDD
Host MCU /
Sensor Hub
VIOVDD
RI2C_PU
RI2C_PU
Li-Ion Battery
3.7V
+
-
VBAT
VVDD
DCDC
1.8V
IN
OUT
VLED
VLED
OFS Button 1
OFS Button 2
OFS Button 3
VLED
VLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com