Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 140 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 140 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 136Page - ams-OSRAM AG AS7150 Datasheet HTML 137Page - ams-OSRAM AG AS7150 Datasheet HTML 138Page - ams-OSRAM AG AS7150 Datasheet HTML 139Page - ams-OSRAM AG AS7150 Datasheet HTML 140Page - ams-OSRAM AG AS7150 Datasheet HTML 141Page - ams-OSRAM AG AS7150 Datasheet HTML 142Page - ams-OSRAM AG AS7150 Datasheet HTML 143Page - ams-OSRAM AG AS7150 Datasheet HTML 144Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
140 / 159
/
8.13.6
PROX_THL_H register (Address 0x9D)
Table 129: PROX_THL_H register
Addr: 0x9D
PROX_THL_H
Bit
Bit name
Default
Access
Bit description
7:0
prox_thl[15:8]
0
R/W
This is the higher 8-bit proximity threshold
register for the proximity low threshold. Please
refer to chapter 7.7 and Figure 31 which shows
the control registers and a dedicated timing
diagram.
8.14
Standby
8.14.1
STANDBY_ON register (Address 0xA0)
Table 130: STANDBY_ON register
Addr: 0xA0
STANDBY_ON
Bit
Bit name
Default
Access
Bit description
6:0
stby_en_on
0
R/W
This is the standby enable register. Each bit of
this 7-bit register controls a dedicated power
block of AS7150 whereas the LSB controls
Standby Enable 1 signal and bit 6 Standby
Enable 7 signal. Please refer to chapter 7.10 and
Figure 41 for more detailed information about the
standby mode.
000 0001: Standby Enable 1 control enabled
000 0010: Standby Enable 2 control enabled
…
111 1111: All 7 standby enable control signals
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com