Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 125 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 125 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 121Page - ams-OSRAM AG AS7150 Datasheet HTML 122Page - ams-OSRAM AG AS7150 Datasheet HTML 123Page - ams-OSRAM AG AS7150 Datasheet HTML 124Page - ams-OSRAM AG AS7150 Datasheet HTML 125Page - ams-OSRAM AG AS7150 Datasheet HTML 126Page - ams-OSRAM AG AS7150 Datasheet HTML 127Page - ams-OSRAM AG AS7150 Datasheet HTML 128Page - ams-OSRAM AG AS7150 Datasheet HTML 129Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
125 / 159
/
8.11.5
SEQ2_SINC_CFGB register (Address 0x65)
Table 94: SEQ2_SINC_CFGB register
Addr: 0x65
SEQ2_SINC_CFGB
Bit
Bit name
Default
Access
Bit description
6:3
seq2_os_delay
0
R/W
In case embedded oversampling filter
function is enabled this register allows to
configure a delay before data from the SINC
down sampler is used for the oversampling
calculation for sequencer 2. Please refer
also to Figure 26 which shows the tOS timing
related to this register.
000: No oversampling delay
001: 1µs delay
010: 2µs delay
…
111: 7µs delay
1
seq2_sel_order
0
R/W
This register controls the filter order of
sequencer 2 down sampling SINC filter.
Please refer to Figure 17 which provides an
overview of the signal processing flow
including the filter order selection block.
0: 4th order down sampling filter enabled
1: 5th order down sampling filter enabled
0
seq2_filter_mode
1
R/W
This register bit controls the filter operation
mode of sequencer 2 down sampling filter.
Default filter operation mode is a CIC filter
which can be reconfigured to integrator filter
mode by setting seq1_filter_mode bit.
0: Integrator filter operation mode
1: CIC filter operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com