Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 126 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 126 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 122Page - ams-OSRAM AG AS7150 Datasheet HTML 123Page - ams-OSRAM AG AS7150 Datasheet HTML 124Page - ams-OSRAM AG AS7150 Datasheet HTML 125Page - ams-OSRAM AG AS7150 Datasheet HTML 126Page - ams-OSRAM AG AS7150 Datasheet HTML 127Page - ams-OSRAM AG AS7150 Datasheet HTML 128Page - ams-OSRAM AG AS7150 Datasheet HTML 129Page - ams-OSRAM AG AS7150 Datasheet HTML 130Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
126 / 159
/
8.11.6
SEQ2_SINC_CFGC register (Address 0x66)
Table 95: SEQ2_SINC_CFGC register
Addr: 0x66
SEQ2_SINC_CFGC
Bit
Bit name
Default
Access
Bit description
7:0
seq2_start_delay
0
R/W
This register controls the start delay after the
ADC modulator reset is released and
modulator data is supplied to the SINC down
sampling filter block. Please refer to
Figure 26 which shows the tSD timing related
to this register for sequencer 2.
0: No oversampling delay
1: 1µs start delay
2: 2µs start delay
…
255: 255µs start delay
8.12
AOC
All registers in this chapter are ambient light compensation current control registers for both
sequencers, modulators and subsamples. The LSB current value for each register is
calculated by the defined offset DAC full scale range divided by 255. Both DACs support a
wide full-scale range starting with 1µA full scale range going up to 128µA full scale range
which is controlled via 3-bit registers mod1_ios_fs and mod2_ios_fs for both ADC modulator
inputs.
8.12.1
AOC_MOD1_SEQ1_SUB1 register (Address 0x70)
Table 96: AOC_MOD1_SEQ1_SUB1 register
Addr: 0x70
AOC_MOD1_SEQ1_SUB1
Bit
Bit name
Default
Access
Bit description
7:0
aoc_mod1_seq1_sub1
0
R/W
This is the ambient light compensation offset
current control register for subsample 1 in
sequencer 1 for ADC modulator 1. If any of
these registers is set to 0 no offset current is
applied to is appendant ADC modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com