Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7150 Datasheet(PDF) 128 Page - ams-OSRAM AG

Part # AS7150
Description  Optical force sensing analog front end
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7150 Datasheet(HTML) 128 Page - ams-OSRAM AG

Back Button AS7150 Datasheet HTML 124Page - ams-OSRAM AG AS7150 Datasheet HTML 125Page - ams-OSRAM AG AS7150 Datasheet HTML 126Page - ams-OSRAM AG AS7150 Datasheet HTML 127Page - ams-OSRAM AG AS7150 Datasheet HTML 128Page - ams-OSRAM AG AS7150 Datasheet HTML 129Page - ams-OSRAM AG AS7150 Datasheet HTML 130Page - ams-OSRAM AG AS7150 Datasheet HTML 131Page - ams-OSRAM AG AS7150 Datasheet HTML 132Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 159 page
background image
AS7150
Register description
Datasheet • PUBLIC • Document Feedback
DS001130 • v3-00 • 2026-Jan-26
128 / 159
/
8.12.5
AOC_MOD1_SEQ1_SUB5 register (Address 0x74)
Table 100: AOC_MOD1_SEQ1_SUB5 register
Addr: 0x74
AOC_MOD1_SEQ1_SUB5
Bit
Bit name
Default
Access
Bit description
7:0
aoc_mod1_seq1_sub5
0
R/W
This is the ambient light compensation offset
current control register for subsample 5 in
sequencer 1 for ADC modulator 1. If any of
these registers is set to 0 no offset current is
applied to is appendant ADC modulator.
8.12.6
AOC_MOD1_SEQ1_SUB6 register (Address 0x75)
Table 101: AOC_MOD1_SEQ1_SUB6 register
Addr: 0x75
AOC_MOD1_SEQ1_SUB6
Bit
Bit name
Default
Access
Bit description
7:0
aoc_mod1_seq1_sub6
0
R/W
This is the ambient light compensation offset
current control register for subsample 6 in
sequencer 1 for ADC modulator 1. If any of
these registers is set to 0 no offset current is
applied to is appendant ADC modulator.
8.12.7
AOC_MOD1_SEQ1_SUB7 register (Address 0x76)
Table 102: AOC_MOD1_SEQ1_SUB7 register
Addr: 0x76
AOC_MOD1_SEQ1_SUB7
Bit
Bit name
Default
Access
Bit description
7:0
aoc_mod1_seq1_sub7
0
R/W
This is the ambient light compensation offset
current control register for subsample 7 in
sequencer 1 for ADC modulator 1. If any of
these registers is set to 0 no offset current is
applied to is appendant ADC modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com