Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 138 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 134Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 135Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 136Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 139Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 140Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 141Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 241 page
background image
Symbol
D1 (CPU1) mode
D2 (CPU2) mode
D3 (CPU3)
mode
Conditions for
wakeup domain
Typ
Max
Unit
tWUCSleep_CPU2(1) DStop1 (CStop)
Run1 (CSleep)
(Reset)
-
-
14
CPU2
clock
cycles
tWUCStop_CPU2
DRun (CRun)
Run1 (CStop)
(Reset)
HSI 64 MHz
-
1.2
µs
HSE + PLL
400 MHz
180
-
µs
DStop1 (CStop)(2)
Stop1 (CStop)(2)
(Reset)
HSI 64 MHz(3)
2.7
6.2
µs
HSI 64 MHz
7.6
-
µs
HSE + PLL
400 MHz
180
-
µs
tWULPLV-Stop_CPU2
DStop3 (CStop)(2)
(4)
LPLV-Stop1
(CStop)(2)(4)
(Reset)
HSI 64 MHz(5)
900
1200
µs
HSI 64 MHz(6)
1000
1300
µs
DStandby (CStop)
(4)(7)
LPLV-Stop2
(CStop)(2)(4)
(Reset)
HSI 64 MHz
1500
(900)(8)
-
µs
tWUStandby_CPU2
DStandby (CStop)
(9)
Standby2 (CStop)(9) (Reset)(9)
HSI 64 MHz,
RETRAM
1700
(800)(10)
-
µs
1. Specified by design, not tested in production.
2. PDDS_Dx = 0.
3. HSI active (HSIKERON = 1).
4. LPDS_Dx = 1 and LVDS_Dx = 1.
5. CPU2TMPSKP = 1 or PWRLP_DLY = 0.
6. CPU2TMPSKP = 0 and PWRLP_DLY = 100 µs.
7. PDDS_Dx = 1
8. Value in parenthesis is for wakeup using WKUP pin through PWR or wakeup using EXTI without simultaneous CPU1
wakeup.
9. PDDS_Dx = 1.
10. Value in parenthesis is for RAMCFG_RETRAMCCR1.CRCBS[2:0] = 0 (only 16 Kbytes RETRAM CRC check).
Table 37. Wakeup time using USART/LPUART
Specified by design, not tested in production.
Symbol
Parameter
Conditions
Typ Max Unit
tWUUSART
tWULPUART
Wakeup time needed to calculate the maximum USART/
LPUART baud rate allowing the wakeup from low-power
mode
Stop1/2
HSI clock with HSIKERON = 0
-
6.4
µs
tWULPUART_LPLV
Wakeup time needed to calculate the maximum LPUART
baud rate allowing the wakeup from low-power mode
LPLV-Stop1/2
MSI clock with MSIKERON = 0
-
580
µs
6.3.7
External clock source characteristics
6.3.7.1
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard I/O.
Digital and analog bypass modes are available.
The external clock signal has to respect the Table 61. I/O static characteristics . However, the recommended clock
input waveform is shown in Figure 14 for digital bypass mode and in Figure 15 for analog bypass mode. In analog
bypass mode the clock can be a sinusoidal waveform.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 138/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com