Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 6Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 7Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 8Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 9Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 10Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 11Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 12Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 13Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 241 page
background image
Feature
STM32MP251x STM32MP253x
STM32MP255x
STM32MP257x
NPU
Performance(1) /
frequency
STM32MP25xC
-
800 MHz, 1.2 TOPS
STM32MP25xF
-
900 MHz, 1.35 TOPS
Video
Decoder (VDEC) No
H264/VP8 up to 1080p60 - JPEG 500
Mpixel/s(2)
Encoder (VENC) No
Frequency
-
600 MHz
Embedded SRAM
Video RAM
No
128 Kbytes, shared between VDEC and
VENC(3)
CPU system
256 + 128 Kbytes
256 Kbytes(3)
Timers
A35 (CNT)
64 bits
4 (S, NS, V, H)
2x 4 (secure, non-secure, Virtual, Hypervisor)
FDCAN
No
3 (1x TT-FDCAN), 10-Kbyte shared buffer
Gigabit
Ethernet
interfaces
External interfaces
1, R(G)MII, MII
2, R(G)MII, MII
3, R(G)MII
GMAC (ETH), TSN, PTP, EEE
1
2
3 ports Gigabit Switch (ETHSW)
No
No
No
2 external ports
Display serial interface (DSI)
No
4× data lanes 2.5 Gbit/s each (up to
1536p60)
LVDS display interface (LVDS)
No
Up to dual-link of 4x data lanes 1.1
Gbit/s each (up to 1536p60)(4)
1. GPU and NPU share performance.
2. This is the performance of either VDEC or VENC running alone. VDEC and VENC share performances as they are using
same video RAM.
3. If neither VDEC nor VENC are used, the video RAM can be used as general purpose memory, thus giving a total of 384
Kbytes for CPU system.
4. Single or dual-link depends on the package (see next table for details).
Table 3. STM32MP25xC/F differences per packages
Features
STM32MP25xxAJ
STM32MP25xxAL
STM32MP25xxAK
STM32MP25xxAI
TFBGA361
VFBGA361
VFBGA424
TFBGA436
Packages
Body size
(mm)
16×16
10×10
14×14
18×18
Pitch (mm)
0.8
0.5
0.5
0.8
Thickness
(mm)
1.2
1
1
1.2
Ball count
361
361
424
436
SDRAM
-
Up to 2 x 4.8 Gbytes/s internal buses . AES-128 encryption/decryption
DDR3L
16 bits 1066
MHz
Up to 1 Gbyte, single rank
32 bits 1066
MHz
-
Up to 2 Gbytes, single rank
DDR4
16 bits 1200
MHz
Up to 4 Gbytes, single rank
32 bits 1200
MHz
-
Up to 4 Gbytes, single rank
LPDDR4
16 bits 1200
MHz
Up to 2 Gbytes, single rank
32 bits 1200
MHz
-
Up to 4 Gbytes, single rank two channels in
parallel (lockstep)
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Description
DS14284 - Rev 3
page 10/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com