Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 33Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 34Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 35Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 36Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 37Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 38Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 39Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 40Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 241 page
background image
3.48.2
General-purpose timers (TIM2/3/4/5/10/11/12/13/14/15/16/17)
There are twelve synchronizable general-purpose timers embedded in STM32MP25xC/F devices (see Table 7 for
differences).
•
TIM2, TIM3, TIM4, TIM5
These timers are based on a 32-bit auto-reload up/downcounter and a 16-bit prescaler. They feature four
independent channels for input capture/output compare, PWM, or one-pulse mode output. This gives up to 16
input capture/output compare/PWMs on the largest packages.
These timers can work together, or with the other general-purpose timers and the advanced-control timers TIM1,
TIM8 and TIM20, via the timer link feature for synchronization or event chaining.
Any of these general-purpose timers can be used to generate PWM outputs.
TIM2, TIM3, TIM4, TIM5 have independent DMA request generation. They can handle quadrature (incremental)
encoder signals, and the digital outputs from one to four halleffect sensors.
•
TIM10, TIM11, TIM12, TIM13, TIM14, TIM15, TIM16, TIM17
These timers are based on a 16-bit auto-reload upcounter and a 16-bit prescaler. TIM10, TIM11, TIM13, TIM14,
TIM16 and TIM17 feature one independent channel, whereas TIM12 and TIM15 have two independent channels
for input capture/output compare, PWM, or one-pulse mode output. They can be synchronized with the TIM2,
TIM3, TIM4, TIM5 full-featured general-purpose timers or used as simple timebases.
3.48.3
Basic timers (TIM6/TIM7)
These timers are used as a generic 16-bit time base, and support independent DMA request generation.
3.48.4
Low-power timer (LPTIM1/2/3/4/5)
These low-power timers have an independent clock and run in Stop mode if they are clocked by LSE, LSI, or an
external clock. They can wake up the device from Stop mode.
•
16-bit up counter with 16-bit autoreload register
•
16-bit compare register
•
Configurable output: pulse, PWM
•
Continuous/one-shot mode
•
Selectable software/hardware input trigger
•
Selectable clock source:
–
Internal clock source: LSE, LSI, HSI (RCC flexgen output)
–
External clock source over LPTIM input (working even with no internal clock source running, used by
the pulse counter application)
•
Programmable digital glitch filter
•
Encoder mode (LPTIM1/2)
3.48.5
Independent watchdog (IWDG1/2/3/4/5)
The IWDG is based on a 12-bit downcounter and 8-bit prescaler. It is clocked from an independent 32 kHz
internal RC (LSI). As it operates independently from the main clock, the IWDG can operate in Stop and Standby
modes. It can be used either as a watchdog to reset the device when a problem occurs, or as a free-running timer
for application timeout management. It is hardware- or software-configurable through the option bytes.
3.48.6
System window watchdog (WWDG1/2)
The WWDG is based on a 7-bit downcounter that can be set as free-running. It can be used as a watchdog to
reset the device when a problem occurs. It is clocked from the APB clock. It has an early warning interrupt
capability and the counter can be frozen in debug mode.
3.48.7
SysTick timer
This timer is embedded in the Cortex-M33 (two instances, secure and non-Secure) , and in the Cortex-M0+ core.
It is dedicated to real-time operating systems, but can also be used as standard downcounter.
•
24-bit downcounter
•
Autoreload capability
•
Maskable system interrupt generation when the counter reaches 0
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 37/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com