Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 39Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 40Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 41Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 42Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 43Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 44Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 45Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 46Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 241 page
background image
The SPDIFRX also offers a signal named spdif_frame_sync, which toggles at the S/PDIF sub-frame rate: this
signal is used to compute the exact sample rate for clock drift algorithms.
3.59
Secure digital input/output MultiMediaCard interface (SDMMC1/2/3)
Three SDMMCs provide an interface between the AHB bus and SD memory cards, SDIO and e.MMC devices.
SDMMC features include the following:
•
Full compliance with MultiMediaCard System Specification Version 5.1
Card support for three different databus modes: 1-bit (default), 4-bit and 8-bit (HS200 speed limited by maximum
allowed I/O speed, HS400 is not supported).
•
Full compatibility with previous versions of MultiMediaCards (backward compatibility)
•
Full compliance with SD memory card specifications version 6.0 (SDR104 SDMMC_CK speed limited to
maximum allowed I/O speed, SPI and UHS-II modes not supported)
•
Full compliance with SDIO card specification version 4.0
Card support for two different databus modes: 1-bit (default) and 4-bit (SDR104 SDMMC_CK speed limited to
maximum allowed I/O speed, SPI and UHS-II modes not supported)
•
Data transfer up to 208 Mbyte/s for the 8-bit mode (depending on the maximum allowed I/O speed)
•
Data and command output enable signals to control external bidirectional drivers
•
The SDMMC host interface embeds a dedicated DMA controller that allows high-speed transfers between
the interface and the SRAM.
•
IDMA linked list support
Each SDMMC is coupled with a delay block (DLYBSD) that supports an external data frequency above 100 MHz.
3.60
Controller area network (FDCAN1/2/3)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
The CAN subsystem consists of three FDCANs, a shared message RAM, and a clock calibration unit.
All FDCANs are compliant with ISO 11898-1 (CAN protocol specification version 2.0 part A, B), and CAN FD
protocol specification version 1.0.
FDCAN1 supports time triggered CAN (TTCAN) specified in ISO 11898-4, including event synchronized time-
triggered communication, global system time, and clock drift compensation. The FDCAN1 contains additional
registers, specific to the time triggered feature. The CAN FD option can be used together with event-triggered and
time-triggered CAN communication.
A 10
‑Kbyte message RAM implements filters, receives FIFOs, receives buffers, transmits event FIFOs, transmits
buffers (and triggers for TTCAN). This message RAM is shared between all FDCANs.
The common clock calibration unit is optional. It can be used to generate a calibrated clock for FDCANs from the
HSI internal RC oscillator and the PLL, by evaluating CAN messages received by the FDCAN1.
3.61
Universal serial bus Hi-Speed host (USBH)
The devices embed one USB Hi-Speed host (up to 480 Mbit/s) with one physical port. USBH supports both low,
full-speed (OHCI) as well as Hi-Speed (EHCI) operations. It integrates a physical interface (PHY) which can be
used for either low-speed (1.2 Mbit/s), full-speed (12 Mbit/s) ,or Hi-Speed operation (480 Mbit/s).
The USBH is compliant with the USB 2.0 specification.
3.62
USB Type-C Power Delivery controller (UCPD1)
The devices embed one controller compliant with USB Type-C Rev.1.2 and USB Power Delivery Rev. 3.1
specifications.
The UCPD use specific I/Os supporting the USB Type-C and USB Power Delivery requirements, featuring:
•
USB Type-C pull-up (Rp, all values) and pull-down (Rd) resistors
•
USB Power Delivery message transmission and reception
The digital controller handles notably:
•
USB Type-C level detection with de-bounce, generating interrupts
•
byte-level interface for USB Power Delivery payload, generating interrupts (DMA compatible)
•
USB Power Delivery timing dividers (including a clock pre-scaler)
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 43/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com