Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 27Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 28Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 29Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 30Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 31Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 32Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 33Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 34Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 241 page
background image
•
1 flexible digital filter paths, including:
–
A MCIC filter configurable in Sinc4 or Sinc5 filter with an adjustable decimation ratio
–
A reshape filter to improve the out-off band rejection and in-band ripple
–
A high pass filter to cancel the DC offset
–
Gain control
–
Saturation blocks
•
Clock absence detector
•
Sound activity detector
•
4-bit signed output data resolution
•
Continuous or single conversion
•
Possibility to delay the selected bitstream
•
One trigger input
•
Autonomous functionality in Stop modes
•
DMA can be used to read the conversion data
•
Interrupts services
Targeted applications:
•
Audio: speech capture
•
Metering
3.33
Digital camera interface (DCMI)
The devices embed a camera interface that can connect with camera modules and CMOS sensors through an 8-
to 14-bit parallel interface, to receive video data. The camera interface can support a resolution of 1 Mpixels
@15 fps.
•
Programmable polarity for the input pixel clock and synchronization signals
•
Parallel data communication can be 8-, 10-, 12-, or 14-bit
•
8-bit progressive video monochrome or RawBayer format, YCbCr 4:2:2 progressive video, RGB 565
progressive video or compressed data (like JPEG)
•
Continuous mode or snapshot (a single frame) mode
•
Capability to automatically crop the image
3.34
Parallel synchronous slave interface (PSSI)
The PSSI and the DCMI use the same circuitry.These two peripherals cannot be used at the same time: when
using the PSSI, DCMI registers cannot be accessed, and vice-versa.
The PSSI and the DCMI share also the same alternate functions and interrupt vector.
The PSSI is a generic synchronous 8/16-bit parallel data input/output slave interface. It enables the transmitter to
send a data valid signal that indicates when the data is valid, and the receiver to output a flow control signal that
indicates when it is ready to sample the data.
Main features:
•
Slave mode operation
•
8-bit or 16-bit parallel data input or output
•
8-word (32-byte) FIFO
•
Data enable (PSSI_DE) alternate function input, and Ready (PSSI_RDY) alternate function output
3.35
Digital camera interface with pixel processing (DCMIPP)
•
Parallel input interface:
–
Up to 16 bits @120 MHz, up to 2 Mpixels sensors @30 fps
–
Pixel format: RGB565, 888, YUV422, RawBayer/Mono 8/10/12/14
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 31/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com