Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 41Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 42Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 43Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 44Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 45Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 46Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 47Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 48Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 241 page
background image
3.65
5-Gbit/s PHY controller (COMBOPHY)
The COMBOPHY control a 5-Gbit/s multi-protocol PHY, that is used by the USB3DR or the PCIE (mutually
exclusive). It supports data rates up to 5 Gbit/s for USB3.0, 5 Gbit/s for PCIe gen2, and 2.5 Gbit/s for PCIe gen1.
The COMBOPHY includes the physical coding sublayer (PCS) blocks that perform 8-/10bit encoding/decoding,
and resynchronizing RX data to the local clock domain.
The COMBOPHY is single lane. The SuperSpeed lane multiplexing for USB Type-C must be managed by a
switch outside the device.
3.66
Gigabit Ethernet MAC interface (ETH1/2)
Note:
Features may be limited or absent in some devices or packages (see Section 2 for details).
The devices embed two fully independent instances of a 10/100/1000 Ethernet MAC controller, that enable
transmission and reception of data over Ethernet, in compliance with IEEE 802.3-2008.
Each Ethernet MAC controller is connected to an external Ethernet PHY via a standard media independent
interface.
Features provided by the Ethernet controller include:
•
10, 100, and 1000 Mbps data transfer rates
•
Full-duplex and half-duplex operations
•
Standard or Jumbo Ethernet packets
•
Two independent Rx queues and two independent Tx queues, with each queue associated to a (subset of)
PCP code(s)
•
Configurable media-independent interface to external PHY:
–
RGMII
–
MII
–
RMII
–
MDIO master interface for external PHY device configuration
–
Internal or external reference clocks
•
Low-power support:
–
Energy Efficient Ethernet (EEE) compliant with IEEE 802.3az-2010;
–
Detection of LAN wake-up frames and “Magic Packet” frames
•
Timing and synchronization:
–
compliance with IEEE 1588-2008 (PTP) and IEEE 802.1AS-Rev
–
hardware “auxiliary timestamp trigger” for accurate sampling of the “PTP system clock”
–
Internal or external system time
•
Time-sensitive networking:
–
“Forwarding and Queuing Enhancements for Time-Sensitive Streams” compliant with IEEE 802.1Qav
–
“Enhancements to Scheduled Traffic” compliant with IEEE 802.1Qbv, with a gate control list depth up
to 128
–
“Frame Preemption” compliant with IEEE 802.1Qbu and IEEE 802.3br
•
Preamble and start-of-frame data insertion (for Tx) and deletion (for Rx)
•
Option for automatic CRC generation (for Tx), checking and stripping (for Rx)
•
Source address field insertion or replacement in transmitted packets
•
Filtering options:
–
Perfect match with a given SA/DA (up to 3 MAC addresses are supported)
–
64-bit Hash filter match
–
Several multicast/broadcast rules supported
–
Based on IEEE 802.1q ‘VLAN tag’ field (perfect match, hash filtering)
–
Support for different ‘VLAN tag’ filtering for each Rx queue
–
Based on TCP/UDP/IP address (perfect match, inverse filtering)
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 45/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com