Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 21Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 22Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 23Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 24Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 25Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 26Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 27Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 28Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 241 page
background image
Figure 3. MCU multi-Layer AHB 400 MHz
MCU MLAHB 400MHz
SRAM1
Sxx
SRAM2
Sxx
Sxx
RETRAM
Sxx
OCTOSPI1/2
memory access
Sxx
to MPU matrix
Sxx
Sxx
Cortex-M33
ICACHE
S-Bus
To MCU 200 MHz
MLAHB
OCTOSPI1/2
registers
Fast
Slow
Mxx
Mxx
Mxx
Mxx
Mxx
Mxx
Mxx
Mxx
Figure 4. MCU multi-Layer AHB 200 MHz
MCU MLAHB 32-bit 200 MHz
AHB4
Mxx
Sxx
APB3
AHB3
Sxx
AHB2
Sxx
APB1
Sxx
APB2
Sxx
to MPU matrix
to AHB6 matrix
to SmartRun AHB matrix
Sxx
Sxx
Sxx
Sxx
Mxx
Mxx
Mxx
Mxx
APB4
AHB5
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 25/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com