Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 68Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 69Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 70Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 71Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 72Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 73Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 74Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 75Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 241 page
background image
Pin number
Pin name
(function after
reset)
Pin type
I/O
structur
e
Notes
Alternate functions
Additional functions
-
-
-
W3
PJ4
I/O
TT
(1)
SAI2_FS_B, MDF1_CCK1, USART6_CK, TIM8_CH4,
I2C2_SMBA, I2C5_SMBA, EVENTOUT
-
-
-
-
V4
PJ5
I/O
TT
(1)
SPI5_MISO, SAI2_SCK_B, SAI4_CK1, USART6_TX,
TIM8_CH1, FMC_A8, EVENTOUT
-
-
-
-
U5
PJ6
I/O
TT
(1)
SPI7_MOSI, SAI4_SD_A, USART2_CK, TIM20_CH1N,
TIM1_CH1, I2C6_SMBA, DCMI_D7/PSSI_D7/DCMIPP_D7,
EVENTOUT
-
-
-
-
W2
PJ7
I/O
TT
(1)
SPI5_MISO, SAI2_MCLK_B, SAI4_D3, USART6_CK,
TIM8_CH2N, I2C1_SMBA, FMC_A12, DCMI_D0/PSSI_D0/
DCMIPP_D0, EVENTOUT
-
-
-
-
M2
PJ8
I/O
TT
(1)
SPI5_SCK, SAI4_CK2, USART6_RX, TIM8_CH2, FMC_A9,
PSSI_D14/DCMIPP_D14, EVENTOUT
-
-
-
-
M1
PJ9
I/O
TT
(1)
SPI4_RDY, TIM12_CH1, TIM8_BKIN, FMC_A5,
DCMI_PIXCLK/PSSI_PDCK/DCMIPP_PIXCLK,
EVENTOUT
-
-
-
-
M3
PJ10
I/O
TT_f
(1)
TIM12_CH2, TIM8_ETR, I2C1_SDA, I3C1_SDA, FMC_A6,
DCMI_HSYNC/PSSI_DE/DCMIPP_HSYNC, EVENTOUT
-
-
-
-
M5
PJ11
I/O
TT
(1)
SPI5_RDY, SAI2_SCK_A, SAI4_D4, UART9_CTS,
TIM8_CH3N, FMC_A13, DCMI_D12/PSSI_D12/
DCMIPP_D12, EVENTOUT
-
-
-
-
L2
PJ12
I/O
TT_f
(1)
SAI2_SD_A, UART9_RX, FDCAN1_TX, TIM8_BKIN2,
I2C2_SCL, I3C2_SCL, FMC_A15, DCMI_D13/PSSI_D13/
DCMIPP_D13, EVENTOUT
-
-
-
-
M4
PJ13
I/O
TT_f
(1)
SAI2_MCLK_A, UART9_TX, FDCAN1_RX, TIM10_CH1,
I2C2_SDA, I3C2_SDA, PSSI_D15/DCMIPP_D15,
EVENTOUT
-
-
-
-
L3
PJ14
I/O
TT
(1)
SPI4_SCK, FDCAN3_TX, FMC_A1, LCD_R0, EVENTOUT
-
-
-
-
K2
PJ15
I/O
TT
(1)
TRACED7, HDP7, SPI4_MISO, FDCAN2_TX, TIM11_CH1,
FMC_A4, LCD_R1, EVENTOUT
-
-
-
-
F12
PK0
I/O
TT
(1)
SPI2_MISO/I2S2_SDI, SPDIFRX1_IN2, MDF1_CCK0,
TIM20_ETR, TIM1_ETR, SDMMC3_D123DIR, FMC_AD11/
FMC_D11, DCMI_D11/PSSI_D11/DCMIPP_D11,
EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com