Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 76Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 77Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 78Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 79Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 80Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 81Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 82Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 83Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 241 page
background image
Pin number
Pin name
(function after
reset)
Pin type
I/O
structur
e
Notes
Alternate functions
Additional functions
-
-
Y4
-
VSS
S
-
-
-
-
N7
P6
AC5
U7
VSSA
S
-
-
-
-
M7
M6
AC3
M7
VSSAON
S
-
-
-
-
K6
M8
R7
M8
V08CAP
A
-
-
-
-
1. Power supply is VDD.
2. ball is DNU in some part numbers.
3. Power supply is VDD - used in open drain with external pull-up.
4. Power supply is VDDIO4.
5. Power supply is VDD or VSW - input only in VSW.
6. Power supply is VSW.
7. Power supply is VSW - OSC32_IN pin is also used as digital input in LSE bypass mode and tied to GPIO PC14 input (for test purpose only).
8. Power supply is VSW - OSC32_OUT pin is also tied to GPIO PC15 input (for test purpose only).
9. Power supply is VDDA18AON, must be always connected at board level to VDDA18AON.
10. Power supply is VDDIO3.
11. Power supply is VDDIO1.
12. Power supply is VDDIO2.
13. Power supply is VDDA18AON - OSC_IN pin is also used as digital input in HSE bypass mode and tied to GPIO PH0 input (for test purpose only).
14. Power supply is VDDA18AON - OSC_OUT pin is also tied to GPIO PH1 input, used by Boot ROM to autodetect HSE bypass mode.
15. Power supply is VDD or VSW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com