Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 136Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 139Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 140Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 141Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 142Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 143Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 241 page
background image
Figure 15. High-speed external clock source AC timing diagram (analog bypass)
VHSE
t
THSE
VPP
STM32
OSC_IN
IL
fHSE_ext
tr(HSE)
90%
10%
External
clock source
6.3.7.2
Low-speed external user clock generated from an external source
In bypass mode the LSE oscillator is switched off and the input pin is a standard I/O. The external clock signal
has to respect the Table 61. I/O static characteristics . However, the recommended clock input waveform is shown
in Figure 16 for digital bypass and Figure 17 for analog bypass.
Table 40. Low-speed external (LSE) user clock characteristics (digital bypass)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext(1)
User external clock source frequency
-
-
32.768
-
kHz
VLSEH
OSC32_IN input pin high level voltage
-
0.75 × VSW
-
VSW(2)
V
VLSEL
OSC32_IN input pin low level voltage
-
VSS
-
0.25 × VSW
tW(LSE)
OSC32_IN high or low time
-
250
-
-
ns
1. Specified by design, not tested in production.
2. VSW is equal to VDD when present or VBAT otherwise.
Figure 16. Low-speed external clock source AC timing diagram (digital bypass)
OSC32 _IN
External
STM32
clock source
VLSEH
tf(LSE)
tW(LSE)
IL
90 %
10 %
TLSE
t
tr(LSE)
tW(LSE)
fLSE_ext
VLSEL
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 140/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com