Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 139Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 140Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 141Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 142Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 143Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 144Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 145Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 241 page
background image
4. Measured from the moment it is enabled (by software) to a stabilized 40 MHz oscillation is reached. This value is measured
for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors, designed for high-frequency
applications, and selected to match the requirements of the crystal or resonator (see Figure 18 ). CL1 and CL2 are
usually the same size. The crystal manufacturer typically specifies a load capacitance which is the series
combination of CL1 and CL2. The PCB and pin capacitance must be included (4 pF can be used as a rough
estimate of the combined pin and board capacitance) when sizing CL1 and CL2.
Note:
For information on selecting the crystal, refer to the application note AN2867 "Oscillator design guide for
STM8AF/AL/S, STM32 MCUs and MPUs" available from the ST website www.st.com.
Figure 18. Typical application with a 40 MHz crystal
STM32
OSC_OUT
fHSE
CL1
RF
40 MHz
crystal
Bias
controlled
gain
OSC_IN
CL2
6.3.7.4
Low-speed external clock generated from a crystal/ceramic resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic resonator oscillator. All the
information given in this paragraph are based on characterization results obtained with typical external
components specified in Table 43 . In the application, the resonator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to
the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package,
accuracy).
Table 43. Low-speed external (LSE) oscillator characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE(1)
Oscillator frequency
-
-
32.768
-
kHz
Gmcritmax
Maximum critical crystal gm
LSEDRV[1:0] = 00,
Low drive capability
-
-
0.5
µA/V
LSEDRV[1:0] = 10,
Medium Low drive capability
-
-
0.75
LSEDRV[1:0] = 01,
Medium high drive capability
-
-
1.7
LSEDRV[1:0] = 11,
High drive capability
-
-
2.7
tSU(2)
Startup time
VSW is stabilized
-
2
-
s
1. Specified by design, not tested in production.
2. tSU is the startup time measured from the moment it is enabled (by software) to a stabilized 32.768 kHz oscillation is
reached. This value is measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
Note:
For information on selecting the crystal, refer to the application note AN2867 "Oscillator design guide for
STM8AF/AL/S, STM32 MCUs and MPUs" available from the ST website www.st.com.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 142/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com