Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 141Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 142Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 143Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 144Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 145Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 146Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 147Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 148Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPFD
PFD input clock
Sigma delta mode
10
-
min(50,
fVCO/20)
MHz
fFOUTPOSTDIV
Divided output clock
-
16.32
-
3200
MHz
Divided output clock
duty cycle
Division by 1
48
50
52
%
Even Division
48
50
52
Odd Division
47
50
53
fVCO
PLL VCO output
-
800
-
3200
MHz
tLOCK
PLL lock time
Frequency lock
-
-
400
1/fPFD
cycles
fPFD = 40 MHz (fPLL_IN = 40 MHz,
FREFDIV = 1)
-
-
10
μs
Jitter
RMS period jitter
fVCO = 3200 MHz
-
-
0.26
+/_ps
RMS integrated jitter
(10 kHz
‑ 20 MHz)
fVCO = 3200 MHz,
FPFD = 25 MHz
Integer divider
-
±2.7
±6.6
ps
fracN divider
-
-
±11.9
IVDDA18PLL(1)
PLL supply current on
VDDA18PLL (Analog)
fVCO = 3200 MHz
FBDIV < 256
-
5750
6850
μA
FBDIV > 255
-
7050
8450
fVCO = 800 MHz
FBDIV < 256
-
715
860
IVDDCORE(PLL)
(1)
PLL supply current on
VDDCORE (Digital)
fVCO = 3200 MHz
VDDCORE = 0.82 V
-
1200
3650
fVCO = 800 MHz
-
295
910
1. Evaluated by characterization, not tested in production.
Table 50. PLL_USB characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
Only those 3 values (min, typ or max) are possible
19.2
20
38.4
MHz
fPLL_OUT
PLL output clock
-
-
480
-
MHz
Table 51. PLL_DSI characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
-
2
-
64
MHz
fPLL_INFIN
PFD input clock
-
-
2
-
24
fPLL_OUT
PLL output clock
-
-
40
-
1250
fVCO_OUT
PLL VCO output
-
-
320
-
1250
tLOCK
PLL lock time(1)
-
-
-
-
150
μs
tPDN
PLL power down time
-
-
0.1
-
-
1. Evaluated by characterization, not tested in production.
Table 52. PLL_LVDS characteristics
Specified by design, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
-
3
-
24
MHz
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 145/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com