Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 141 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 139Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 140Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 141Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 142Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 143Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 144Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 241 page
background image
Table 41. Low-speed external (LSE) user clock characteristics (analog bypass)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSE_ext(1)
User external clock source frequency
-
-
32.768
-
kHz
VLSE
Absolute input range
-
0
-
VSW(2)
V
VPP
OSC32_IN peak-to-peak amplitude
-
0.2(3)
1
-
1. Specified by design, not tested in production.
2. VSW is equal to VDD when present or VBAT otherwise.
3. Minimum peak-to-peak amplitude (@25 °C, 0.1 < VDC < VSW - 0.1 V) where VDC is the DC component of the input signal.
Figure 17. Low-speed external clock source AC timing diagram (analog bypass)
VLSE
t
TLSE
VPP
STM32
OSC32_IN
IL
fLSE_ext
External
clock source
6.3.7.3
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 16 to 48 MHz crystal/ceramic resonator oscillator. All
the information given in this paragraph are based on characterization results obtained with typical external
components specified in Table 42 . In the application, the resonator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to
the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package,
accuracy).
Table 42. High-speed external (HSE) oscillator characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min Typ Max
Unit
fHSE(1)
Crystal frequency
-
16
40
48
MHz
RF(1)
Internal feedback equivalent resistor
-
-
250
-
kΩ
IVDDA18AON(HSE) HSE current consumption on VDDA18AON
During startup
-
-
10
mA
Rm = 80 Ω, CL = 6 pF at 40 MHz(3)
-
4.6
-
Gmcritmax(1)
Maximum critical crystal gm
Startup
-
-
1.95 mA/V
tSU
Start-up time(4)
-
-
2
-
ms
1. Specified by design, not tested in production.
2. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time.
3. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 141/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com