Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 135Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 136Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 139Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 140Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 141Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 142Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 241 page
background image
Table 38. High-speed external (HSE) user clock characteristics (digital bypass)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source frequency
-
-
16
40
48
MHz
VHSEH
OSC_IN input pin high level voltage
-
-
0.7 × VDDA18AON
-
VDDA18AON
V
VHSEL
OSC_IN input pin low level voltage
-
-
VSS
-
0.3 × VDDA18AON
tW(HSE)
OSC_IN high or low time
-
-
7
-
-
ns
Figure 14. High-speed external clock source AC timing diagram (digital bypass)
OSC_IN
External
STM32
clock source
VHSEH
tf(HSE)
tW(HSE)
IL
90 %
10 %
THSE
t
tr(HSE)
tW(HSE)
fHSE_ext
VHSEL
Table 39. High-speed external (HSE) user clock characteristics (analog bypass)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source frequency
-
16
40
48
MHz
Input duty cycle (square wave)
-
45
50
55
%
duty cycle deterioration(1)
-
-
± 10(2)
±30(3)
%
VHSE
Absolute input range
-
0
-
VDDA18AON
V
VPP
OSC_IN peak-to-peak amplitude
-
0.2(4)
-
0.67 × VDDA18AON
tSU(HSE) Time to start(5)
-
-
1
10(6)
µs
tr/tf(HSE)
Rise and Fall time
(10% to 90% threshold levels of the input peak-to-
peak amplitude)
-
0.05 × THSE
-
0.3 × THSE
ns
1. Specified by design, not tested in production.
2. With a square wave signal (@25 °C, VDDA18AON = 1.8 V / VPP = 400 mV / VDC = 0.8 V) where VDC is the DC component
of the input signal.
3. With a square wave signal (@25 °C, VDDA18AON = 1.71 V / VPP = 200 mV / VDC = 0.8 V) where VDC is the DC component
of the input signal.
4. Minimum peak-to-peak amplitude (@25 °C, 0.1 < VDC < VDDA18AON - 0.1 V) where VDC is the DC component of the input
signal.
5. Startup time measured from the moment it is enabled (by software) to a stabilized analog bypass clock interface is reached.
6. Maximum start-up time is obtained with 200 mV peak-to-peak amplitude.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 139/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com