Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP255CAL3 Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32MP255CAL3
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP255CAL3 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32MP255CAL3 Datasheet HTML 131Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 132Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 133Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 134Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 135Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 136Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 137Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 138Page - STMicroelectronics STM32MP255CAL3 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 241 page
background image
Table 34. Current consumption in VBAT2 mode
Evaluated by characterization, not tested in production unless otherwise specified.
D3 (CPU3) in CStop (SStandby).
Symbol
Parameter
Conditions
Typ
Max
Unit
RTC/LSE
BKPSRAM RETRAM LPSRAM1 VBAT voltage
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IBAT
Supply current in
VBAT2 mode
OFF
OFF
OFF
OFF
VBAT = 2.4 V
14.5
37
47
56.5
20
69
150
210
μA
RTC ON,
LSE ON(1)
14.5
37.5
54.5
60.5
20
70
150
215
μA
ON
17.5
66.5
100
190
27
150
310
440
μA
OFF
ON
38.5
330
660
1250
82
780
1600
2900
μA
OFF
ON
17
63.5
93.5
175
27
150
300
410
μA
ON
ON
44
385
770
1450
97
910
1800
3300
μA
IBAT
Supply current in
VBAT2 mode
OFF
OFF
OFF
OFF
VBAT = 3.0 V
17.5
40.5
49.5
58.5
23
73
150
215
μA
RTC ON,
LSE ON(1)
17.5
41
58
64.5
23
74
160
220
μA
ON
20.5
69.5
105
195
31
150
310
440
μA
OFF
ON
41.5
335
665
1300
85
780
1600
2900
μA
OFF
ON
20
66.5
97
180
30
150
310
420
μA
ON
ON
47
385
775
1500
100
910
1800
3300
μA
IBAT
Supply current in
VBAT2 mode
OFF
OFF
OFF
OFF
VBAT = 3.3 V
20
43.5
52
60
26
76
160
220
μA
RTC ON,
LSE ON(1)
20
43.5
61
67.5
25
76
160
230
μA
ON
22.5
72.5
110
200
33
160
320
450
μA
OFF
ON
43.5
335
670
1300
87
780
1600
2900
μA
OFF
ON
22.5
69.5
100
185
32
150
310
420
μA
ON
ON
49
390
775
1500
110
920
1800
3300
μA
IBAT
Supply current in
VBAT2 mode
OFF
OFF
OFF
OFF
VBAT = 3.6 V
24
47.5
58
67.5
30
92
190
260
μA
RTC ON,
LSE ON(1)
24.5
47.5
61
73
30
91
190
270
μA
ON
27
87.5
135
240
37
170
350
490
μA
OFF
ON
48.5
350
690
1300
92
800
1600
2900
μA
OFF
ON
26.5
84.5
125
225
37
170
340
470
μA
ON
ON
53.5
405
800
1500
110
930
1800
3400
μA
1. LSE is set to medium-high drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com